Electronic Components Datasheet Search
  English  ▼

X  

AD660ARZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD660ARZ
Description  Monolithic 16-Bit Serial/Byte DACPORT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD660ARZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD660ARZ Datasheet HTML 2Page - Analog Devices AD660ARZ Datasheet HTML 3Page - Analog Devices AD660ARZ Datasheet HTML 4Page - Analog Devices AD660ARZ Datasheet HTML 5Page - Analog Devices AD660ARZ Datasheet HTML 6Page - Analog Devices AD660ARZ Datasheet HTML 7Page - Analog Devices AD660ARZ Datasheet HTML 8Page - Analog Devices AD660ARZ Datasheet HTML 9Page - Analog Devices AD660ARZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
AD660
Rev. B | Page 5 of 20
TIMING CHARACTERISTICS
+VCC = 15 V, −VEE = −15 V, +VLL = 5 V, VHIGH = 2.4 V, VLOW = 0.4 V.
Table 3.
Parameter
Limit at TA = 25°C
Limit at TA = −55°C to +125°C
Unit
BYTE LOAD (see Figure 2)
t
CS
40
50
ns min
tDS
40
50
ns min
tDH
0
10
ns min
t
BES
40
50
ns min
t
BEH
0
10
ns min
tLH
80
100
ns min
tLW
40
50
ns min
SERIAL LOAD (see Figure 3)
tCLK
80
100
ns min
tLOW
30
50
ns min
tHIGH
30
50
ns min
tSS
0
10
ns min
tDS
40
50
ns min
tDH
0
10
ns min
tSH
0
10
ns min
tLH
80
100
ns min
tLW
40
50
ns min
ASYNCHRONOUS CLEAR TO BIPOLAR
OR UNIPOLAR ZERO (see Figure 4)
t
CLR
80
110
ns min
tSET
80
110
ns min
tHOLD
0
10
ns min
SERIAL OUT (see Figure 5)
tPROP
50
100
ns min
tDS
50
80
ns min
tDS
tDH
tLH
tLW
tBEH
tBES
tCS
DB0 TO DB7
HBE OR LBE
CS
LDAC
Figure 2. AD660 Byte Load Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com