Electronic Components Datasheet Search
  English  ▼

X  

AD660ARZ Datasheet(PDF) 14 Page - Analog Devices

Part # AD660ARZ
Description  Monolithic 16-Bit Serial/Byte DACPORT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD660ARZ Datasheet(HTML) 14 Page - Analog Devices

Back Button AD660ARZ Datasheet HTML 10Page - Analog Devices AD660ARZ Datasheet HTML 11Page - Analog Devices AD660ARZ Datasheet HTML 12Page - Analog Devices AD660ARZ Datasheet HTML 13Page - Analog Devices AD660ARZ Datasheet HTML 14Page - Analog Devices AD660ARZ Datasheet HTML 15Page - Analog Devices AD660ARZ Datasheet HTML 16Page - Analog Devices AD660ARZ Datasheet HTML 17Page - Analog Devices AD660ARZ Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
AD660
Rev. B | Page 13 of 20
HBE
CONTROL
LOGIC
SER
CLR
LDAC
REF IN
R1
50Ω
R6
R5
R2
R3
RS
R1
R4
R2
50Ω
REF OUT
AD660
AD688
SOUT
VOUT
AGND
SPAN/
BIPOLAR
OFFSET
DGND
–VEE
+VCC
+VLL
10V REF
16-BIT LATCH
16-BIT DAC
16
17
18
19
23
24
20
21
22
13
1
2
3
4
15
OUTPUT
0V TO 10V
R2
100Ω
R3
10kΩ
R4
10kΩ
–VS
+VS
14
1
15
2
16
13
11
12
8
10
9
5
A3
A2
A4
A1
4
6
7
3
10kΩ
10kΩ
10.05kΩ
DB1/DB9/
DATADIR
11
LBE/
CLEAR SELECT
DB0/
DB8/
SIN
CS
DB7/
DB15
5
12
14
16-BIT LATCH
Figure 13. Using the AD660 with the AD688 High Precision ±10 V Reference
OUTPUT SETTLING AND GLITCH
The AD660 output buffer amplifier typically settles to within
0.0008% FS (1/2 LSB) of its final value in 8 μs for a full-scale
step. Figure 14 and Figure 15 show settling for a full-scale and
an LSB step, respectively, with a 2 kΩ, 1000 pF load applied.
The guaranteed maximum settling time at 25°C for a full-scale
step is 13 μs with this load. The typical settling time for a 1 LSB
step is 2.5 μs.
The digital-to-analog glitch impulse is specified as 15 nV-s
typical. Figure 16 shows the typical glitch impulse characteristic
at the 011…111 to 100…000 code transition when loading the
second rank register from the first rank register.
+10
0
600
400
200
0
–200
–400
–600
–10
010
20
TIME (µs)
Figure 14. −10 V to +10 V Full-Scale Step Settling
01
2
3
4
5
TIME (µs)
600
400
200
0
–200
–400
–600
Figure 15. LSB Step Settling
+10
0
–10
TIME (µs)
01
2
3
4
5
Figure 16. Output Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com