Electronic Components Datasheet Search
  English  ▼

X  

AD660ARZ Datasheet(PDF) 8 Page - Analog Devices

Part # AD660ARZ
Description  Monolithic 16-Bit Serial/Byte DACPORT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD660ARZ Datasheet(HTML) 8 Page - Analog Devices

Back Button AD660ARZ Datasheet HTML 4Page - Analog Devices AD660ARZ Datasheet HTML 5Page - Analog Devices AD660ARZ Datasheet HTML 6Page - Analog Devices AD660ARZ Datasheet HTML 7Page - Analog Devices AD660ARZ Datasheet HTML 8Page - Analog Devices AD660ARZ Datasheet HTML 9Page - Analog Devices AD660ARZ Datasheet HTML 10Page - Analog Devices AD660ARZ Datasheet HTML 11Page - Analog Devices AD660ARZ Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
AD660
Rev. B | Page 7 of 20
ABSOLUTE MAXIMUM RATINGS
Table 4.
Parameter
Rating
+VCC to AGND
−0.3 V to +17.0 V
−VEE to AGND
+0.3 V to −17.0 V
+VLL to DGND
−0.3 V to +7 V
AGND to DGND
±1 V
Digital Inputs (Pin 5 through Pin 23)
to DGND
−1.0 V to +7.0 V
REF IN to AGND
±10.5 V
SPAN/BIPOLAR OFFSET to AGND
±10.5 V
REF OUT, VOUT
Indefinite short to AGND,
DGND, +VCC, −VEE, and +VLL
Power Dissipation (Any Package)
To +60°C
1000 mW
Derates Above +60°C
8.7 mW/°C
Storage Temperature
−65°C to +150°C
Lead Temperature
JEDEC industry standard
Soldering
J-STD-020
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com