Electronic Components Datasheet Search
  English  ▼

X  

AD660ARZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD660ARZ
Description  Monolithic 16-Bit Serial/Byte DACPORT
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD660ARZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD660ARZ Datasheet HTML 13Page - Analog Devices AD660ARZ Datasheet HTML 14Page - Analog Devices AD660ARZ Datasheet HTML 15Page - Analog Devices AD660ARZ Datasheet HTML 16Page - Analog Devices AD660ARZ Datasheet HTML 17Page - Analog Devices AD660ARZ Datasheet HTML 18Page - Analog Devices AD660ARZ Datasheet HTML 19Page - Analog Devices AD660ARZ Datasheet HTML 20Page - Analog Devices AD660ARZ Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
AD660
Rev. B | Page 19 of 20
COMPLIANT TO JEDEC STANDARDS MS-013-AD
CONTROLLING DIMENSIONS ARE IN MILLIMETERS; INCH DIMENSIONS
(IN PARENTHESES) ARE ROUNDED-OFF MILLIMETER EQUIVALENTS FOR
REFERENCE ONLY AND ARE NOT APPROPRIATE FOR USE IN DESIGN.
15.60 (0.6142)
15.20 (0.5984)
0.30 (0.0118)
0.10 (0.0039)
2.65 (0.1043)
2.35 (0.0925)
10.65 (0.4193)
10.00 (0.3937)
7.60 (0.2992)
7.40 (0.2913)
0.75 (0.0295)
0.25 (0.0098)
45°
1.27 (0.0500)
0.40 (0.0157)
COPLANARITY
0.10
0.33 (0.0130)
0.20 (0.0079)
0.51 (0.0201)
0.31 (0.0122)
SEATING
PLANE
8°
0°
24
13
12
1
1.27 (0.0500)
BSC
Figure 25. 24-Lead Standard Small Outline Package [SOIC_W]
Wide Body
(RW-24)
Dimensions shown in millimeters and (inches)
ORDERING GUIDE
Model
Temperature Range
Gain TC Max ppm/°C
Package Description
Package Option
AD660AN
−40°C to +85°C
25
24-Lead PDIP
N-24-1
AD660ANZ1
−40°C to +85°C
25
24-Lead PDIP
N-24-1
AD660AR
−40°C to +85°C
25
24-Lead SOIC_W
RW-24
AD660AR-REEL
−40°C to +85°C
25
24-Lead SOIC_W
RW-24
AD660ARZ1
−40°C to +85°C
25
24-Lead SOIC_W
RW-24
AD660ARZ-REEL1
−40°C to +85°C
25
24-Lead SOIC_W
RW-24
AD660BN
−40°C to +85°C
15
24-Lead PDIP
N-24-1
AD660BNZ1
−40°C to +85°C
15
24-Lead PDIP
N-24-1
AD660BR
−40°C to +85°C
15
24-Lead SOIC_W
RW-24
AD660BR-REEL
−40°C to +85°C
15
24-Lead SOIC_W
RW-24
AD660BRZ1
−40°C to +85°C
15
24-Lead SOIC_W
RW-24
AD660BRZ-REEL1
−40°C to +85°C
15
24-Lead SOIC_W
RW-24
AD660SQ
−55°C to +125°C
25
24-Lead CERDIP
Q-24
AD660SQ/883B2
−55°C to +125°C
1 Z = RoHS Compliant Part.
2 For further details, refer to the AD660SQ/883B military data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com