Electronic Components Datasheet Search
  English  ▼

X  

BCM20730 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # BCM20730
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20730 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button BCM20730 Datasheet HTML 35Page - Cypress Semiconductor BCM20730 Datasheet HTML 36Page - Cypress Semiconductor BCM20730 Datasheet HTML 37Page - Cypress Semiconductor BCM20730 Datasheet HTML 38Page - Cypress Semiconductor BCM20730 Datasheet HTML 39Page - Cypress Semiconductor BCM20730 Datasheet HTML 40Page - Cypress Semiconductor BCM20730 Datasheet HTML 41Page - Cypress Semiconductor BCM20730 Datasheet HTML 42Page - Cypress Semiconductor BCM20730 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
Document Number: 002-14824 Rev. *J
Page 39 of 50
CYW20730
Table 23. SPI2 Timing Values—SCLK = 6 MHz and VDDM = 1.62Va
Reference
Characteristics
Symbol
Min
Typicalb
Max
Unit
1
Output setup time, from MOSI
data valid to sample edge of SCLK
Tds_mo
–
50
–
ns
2
Output hold time, from sample
edge of SCLK to MOSI data update
Tdh_mo
–
120
–
ns
3
Input setup time, from MISO
data valid to sample edge of SCLK
Tds_mi
–
TBD
–
ns
4
Input hold time, from sample
edge of SCLK to MISO data update
Tdh_mi
–
TBD
–
ns
5c
Time from CS assert to first SCLK edge
Tsu_cs
½ SCLK period – 1
–
–
ns
6c
Time from first SCLK edge to CS
deassert
Thd_cs
½ SCLK period
–
–
ns
a. The SCLK period is based on the limitation of Tds_mi. SCLK is designed for a maximum speed of 6 MHz. The speed can be adjusted to as low as 400 Hz by
configuring the firmware.
b. Typical timing based on 20 pF//1 MΩ load and SCLK = 6 MHz.
c. CS timing is firmware controlled in master mode and can be adjusted as required in slave mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com