Electronic Components Datasheet Search
  English  ▼

X  

BCM20730 Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # BCM20730
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20730 Datasheet(HTML) 2 Page - Cypress Semiconductor

  BCM20730 Datasheet HTML 1Page - Cypress Semiconductor BCM20730 Datasheet HTML 2Page - Cypress Semiconductor BCM20730 Datasheet HTML 3Page - Cypress Semiconductor BCM20730 Datasheet HTML 4Page - Cypress Semiconductor BCM20730 Datasheet HTML 5Page - Cypress Semiconductor BCM20730 Datasheet HTML 6Page - Cypress Semiconductor BCM20730 Datasheet HTML 7Page - Cypress Semiconductor BCM20730 Datasheet HTML 8Page - Cypress Semiconductor BCM20730 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
CYW20730
Document Number: 002-14824 Rev. *J
Page 2 of 50
Features
■ On-chip support for common keyboard and mouse interfaces
eliminates external processor
■ Programmable keyscan matrix interface, up to 8 × 20 key-
scanning matrix
■ 3-axis quadrature signal decoder
■ Shutter control for 3D glasses
■ Infrared modulator
■ IR learning
■ Triac control
■ Triggered Broadcom Fast Connect
■ Supports Adaptive Frequency Hopping
■ Excellent receiver sensitivity
■ Bluetooth specification 3.0 compatible, including enhanced
power control (Unicast Connectionless Data)
■ Bluetooth HID profile version 1.0 compliant
■ Bluetooth Device ID profile version 1.3 compliant
■ Bluetooth AVRCP-CT profile version 1.3 compliant
■ 10-bit auxiliary ADC with 28 analog channels
■ On-chip support for serial peripheral interface (master and
slave modes)
■ Broadcom Serial Communications (BSC) interface (compatible
with Philips® (now NXP) I2C slaves)
■ Programmable output power control meets Class 2 or Class 3
requirements
■ Class 1 operation supported with external PA and T/R switch
■ Integrated ARM Cortex™-M3 based microprocessor core
■ On-chip power-on reset (POR)
■ Support for EEPROM and serial flash interfaces
■ Integrated low-dropout regulator (LDO)
■ On-chip software controlled power management unit
■ Three package types are available:
❐ 32-pin QFN package (5 mm × 5 mm)
❐ 40-pin QFN package (6 mm × 6 mm)
❐ 64-pin BGA package (7 mm × 7 mm)
■ RoHS compliant



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com