Electronic Components Datasheet Search
  English  ▼

X  

BCM20730 Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # BCM20730
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20730 Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button BCM20730 Datasheet HTML 17Page - Cypress Semiconductor BCM20730 Datasheet HTML 18Page - Cypress Semiconductor BCM20730 Datasheet HTML 19Page - Cypress Semiconductor BCM20730 Datasheet HTML 20Page - Cypress Semiconductor BCM20730 Datasheet HTML 21Page - Cypress Semiconductor BCM20730 Datasheet HTML 22Page - Cypress Semiconductor BCM20730 Datasheet HTML 23Page - Cypress Semiconductor BCM20730 Datasheet HTML 24Page - Cypress Semiconductor BCM20730 Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 50 page
background image
Document Number: 002-14824 Rev. *J
Page 21 of 50
CYW20730
UART
12
14
H5
UART_RXD
I
VDDMa
UART serial input – Serial data input for
the HCI UART interface. Leave uncon-
nected if not used.
Alternative function:
■ GPIO3
13
15
G5
UART_TXD
O, PU
VDDMa
UART serial output – Serial data output
for the HCI UART interface. Leave
unconnected if not used.
Alternative Function:
■ GPIO2
BSC
15
17
F7
SDA
I/O, PU
VDDMa
Data signal for an external I2C device.
Alternative function:
■ SPI_1: MOSI (master only)
■ GPIO0
■ CTS
16
18
E8
SCL
I/O, PU
VDDMa
Clock signal for an external I2C device.
Alternative function:
■ SPI_1: SPI_CLK (master only)
■ GPIO1
■ RTS
LDO Regulator Power Supplies
2
4
B1
LDOIN
I
LDO
Battery input supply for the LDO
3
5
C1
LDOOUT
O
LDO
LDO output
a. VDDO for 64-pin package.
Table 8. Pin Descriptions (Cont.)
Pin Number
Pin Name
I/O
Power Domain
Description
32-Pin QFN 40-pin QFN 64-pin BGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com