Electronic Components Datasheet Search
  English  ▼

X  

BCM20730 Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # BCM20730
Description  Single-Chip Bluetooth Transceiver for Wireless Input Devices
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

BCM20730 Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button BCM20730 Datasheet HTML 9Page - Cypress Semiconductor BCM20730 Datasheet HTML 10Page - Cypress Semiconductor BCM20730 Datasheet HTML 11Page - Cypress Semiconductor BCM20730 Datasheet HTML 12Page - Cypress Semiconductor BCM20730 Datasheet HTML 13Page - Cypress Semiconductor BCM20730 Datasheet HTML 14Page - Cypress Semiconductor BCM20730 Datasheet HTML 15Page - Cypress Semiconductor BCM20730 Datasheet HTML 16Page - Cypress Semiconductor BCM20730 Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
Document Number: 002-14824 Rev. *J
Page 13 of 50
CYW20730
1.11.3 Internal Reset
Figure 4. Internal Reset Timing
1.11.4 External Reset
The CYW20730 has an integrated power-on reset circuit that completely resets all circuits to a known power-on state. An external
active low reset signal, RESET_N, can be used to put the CYW20730 in the reset state. The RESET_N pin has an internal pull-up
resistor and, in most applications, it does not require that anything be connected to it. RESET_N should only be released after the
VDDO supply voltage level has been stabilized.
Figure 5. External Reset Timing
VDDO
VDDO POR
VDDC
VDDO POR threshold
VDDO POR delay
~ 2 ms
VDDC POR
VDDC POR threshold
VDDC POR delay
~ 2 ms
Baseband Reset
Crystal 
warm‐up 
delay: 
~ 5 ms
Crystal Enable
Start reading EEPROM and 
firmware boot
RESET_N
Pulse width
>50 µs
Crystal Enable
Baseband Reset
Start reading EEPROM and 
firmware boot
Crystal 
warm‐up 
delay: 
~ 5 ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com