Electronic Components Datasheet Search
  English  ▼

X  

CYW43340 Datasheet(PDF) 79 Page - Cypress Semiconductor

Part # CYW43340
Description  Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43340 Datasheet(HTML) 79 Page - Cypress Semiconductor

Back Button CYW43340 Datasheet HTML 75Page - Cypress Semiconductor CYW43340 Datasheet HTML 76Page - Cypress Semiconductor CYW43340 Datasheet HTML 77Page - Cypress Semiconductor CYW43340 Datasheet HTML 78Page - Cypress Semiconductor CYW43340 Datasheet HTML 79Page - Cypress Semiconductor CYW43340 Datasheet HTML 80Page - Cypress Semiconductor CYW43340 Datasheet HTML 81Page - Cypress Semiconductor CYW43340 Datasheet HTML 82Page - Cypress Semiconductor CYW43340 Datasheet HTML 83Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 96 page
background image
Document Number: 002-14943 Rev. *L
Page 79 of 96
PRELIMINARY
CYW43340
16.3 2.5V LDO (LDO2P5)
16.4 HSICDVDD LDO
Table 37. LDO2P5 Specifications
Specification
Notes
Min.
Typ.
Max.
Unit
Input supply voltage
Min= 2.52+0.15=2.67V
Dropout voltage requirement must be met under the maximum load
for performance specifications.
2.93.6
4.8V
Output current
–
–
–
70
mA
Output voltage, Vo
default = 2.52V
2.4
2.52
3.4V
Dropout voltage
at max load
150
mV
Output voltage DC
Accuracy
include Line/Load regulation
–5
+5
%
Quiescent current
No load
–
8
–
µA
Line regulation
Vin from (Vo + 0.15V) to 4.8V, maximum load
–11
11
mV
Load Regulation
Load from 1–70 mA (subject to parasitic resistance of package and
board). Vin = 2.52 + 0.15V to 4.8V
–
1531mV
Leakage current
Powerdown mode. At Junction Temp 85°C
–
–
5
µA
PSRR
VBAT ≥ 3.6V, Vo = 2.52V, Co = 2.2 µF,
maximum load, 100 Hz to 100 kHz
20
–
–
dB
LDO turn-on time
LDO turn-on time when rest of chip is up
–
–
260
µs
In-rush current during
turn-on
from its output capacitor in fully-discharged state
–
–
100
mA
External output
capacitor, Co
Ceramic, X5R, 0402,
(ESR: 5m-240mohm), ±20%, 6.3V
0.7a
a.Minimum cap value refers to residual cap value after taking into account part–to–part tolerance, DC–bias, temperature, aging
2.2
2.64
µF
External input capacitor For SR_VDDBATA5V pin (shared with Bandgap) ceramic, X5R,
0402, ±10%, 10V. Not needed if sharing the VBAT capacitor 4.7 µF
with SR_VDDBATP5V.
–1–µF
Table 38. HISCDVDD LDO Specifications
Specification
Notes
Min
Typ
Max
Units
Input supply voltage
Min = 1.2V + 0.1V = 1.3V.
Dropout voltage requirement must be met
under maximum load for performance specifi-
cations.
1.3
1.35
1.5
V
Output current
–
–
–
80
mA
Output voltage, Vo
Step size 25 mV. Default = 1.2V.
1.1
1.2
1.275
V
Dropout voltage
At maximum load. Includes 100 mΩ routing
resistors at input and output.
––100
mV
Output voltage DC accuracy
Including line/load regulation.
–4
–
4
%
Quiescent current
No load. Dependent on programming.
ldo_cntl_i[43], ldo_cntl_i[41] to support
different external capacitor loads.
–182
–
µA
PSRR at 1 kHz
Input ≥ 1.35V, 50 to 300 pF, Vo = 1.2V
Load: 80 mA
Load: 40 mA
24
39
––
dB
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com