Electronic Components Datasheet Search
  English  ▼

X  

CYW43340 Datasheet(PDF) 95 Page - Cypress Semiconductor

Part # CYW43340
Description  Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43340 Datasheet(HTML) 95 Page - Cypress Semiconductor

Back Button CYW43340 Datasheet HTML 88Page - Cypress Semiconductor CYW43340 Datasheet HTML 89Page - Cypress Semiconductor CYW43340 Datasheet HTML 90Page - Cypress Semiconductor CYW43340 Datasheet HTML 91Page - Cypress Semiconductor CYW43340 Datasheet HTML 92Page - Cypress Semiconductor CYW43340 Datasheet HTML 93Page - Cypress Semiconductor CYW43340 Datasheet HTML 94Page - Cypress Semiconductor CYW43340 Datasheet HTML 95Page - Cypress Semiconductor CYW43340 Datasheet HTML 96Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 95 / 96 page
background image
Document Number: 002-14943 Rev. *L
Page 95 of 96
PRELIMINARY
CYW43340
*F
-
-
03/04/0214
43340–DS106-R:
• Figure 38: “141-Bump CYW43340 WLBGA Ball Map (Bottom View),” on
page 58 and Table 18: “WLBGA Signal Descriptions,” on page 59: Up-
dated signal names for No Connect, VDDC, VDDIO, VSS, VSSC, and
WRF_PA5G_VBAT_GND3P3 pins.
*G
-
-
04/07/2014
43340–DS107-R:
Updated:
• [43341]Figure 48: “NFC Boot-Up Sequence (Secure Patch Download)
from Snooze,” on page 117
• [43341]“NFC Operation Requirement” on page 119
• Table 28: “WLAN GPIO Functions and Strapping Options (Advance In-
formation),” on page 144
• Title change (2.5 GHz to 2.4 GHz) for Figure 55 on page 169
*H
-
-
07/07/2014
43340–DS108-R:
Updated:
• Figure 65: “WLBGA Keep-Out Areas for PCB Layout — Bottom View,”
on page 177
*I
-
-
01/28/2015
43340–DS109-R:
Updated:
• Table 18: “WLBGA Signal Descriptions,” on page 59
*J
-
-
09/10/2015
43340–DS110-R:
Updated:
• Table 32: “WLAN 2.4 GHz Receiver Performance Specifications,” on
page 85
*K
5529544
UTSV
11/23/2016
Updated to Cypress template
*L
5675330
UTSV
03/28/2017
Removed FM and gSPI sections throughout the document.
Document Title: CYW43340 Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Inte-
grated Bluetooth 4.0
Document Number: 002-14943



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com