Electronic Components Datasheet Search
  English  ▼

X  

CYW43340 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # CYW43340
Description  Single-Chip, Dual-Band (2.4 GHz/5 GHz) IEEE 802.11 a/b/g/n MAC/Baseband/Radio with Integrated Bluetooth 4.0
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CYW43340 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button CYW43340 Datasheet HTML 18Page - Cypress Semiconductor CYW43340 Datasheet HTML 19Page - Cypress Semiconductor CYW43340 Datasheet HTML 20Page - Cypress Semiconductor CYW43340 Datasheet HTML 21Page - Cypress Semiconductor CYW43340 Datasheet HTML 22Page - Cypress Semiconductor CYW43340 Datasheet HTML 23Page - Cypress Semiconductor CYW43340 Datasheet HTML 24Page - Cypress Semiconductor CYW43340 Datasheet HTML 25Page - Cypress Semiconductor CYW43340 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 96 page
background image
Document Number: 002-14943 Rev. *L
Page 22 of 96
PRELIMINARY
CYW43340
6. Microprocessor and Memory Unit for Bluetooth
The Bluetooth microprocessor core is based on the ARM® Cortex™-M3 32-bit RISC processor with embedded ICE-RT debug and
JTAG interface units. It runs software from the link control (LC) layer, up to the host controller interface (HCI).
The ARM core is paired with a memory unit that contains 652 KB of ROM memory for program storage and boot ROM, 195 KB of
RAM for data scratchpad and patch RAM code. The internal ROM allows for flexibility during power-on reset to enable the same device
to be used in various configurations. At power-up, the lower-layer protocol stack is executed from the internal ROM memory.
External patches may be applied to the ROM-based firmware to provide flexibility for bug fixes or features additions. These patches
may be downloaded from the host to the CYW43340 through the UART transports. The mechanism for downloading via UART is
identical to the proven interface of the CYW4329 and CYW4330 devices.
6.1 RAM, ROM, and Patch Memory
The CYW43340 Bluetooth core has 195 KB of internal RAM which is mapped between general purpose scratch pad memory and
patch memory and 652 KB of ROM used for the lower-layer protocol stack, test mode software, and boot ROM. The patch memory
capability enables the addition of code changes for purposes of feature additions and bug fixes to the ROM memory.
6.2 Reset
The CYW43340 has an integrated power-on reset circuit that resets all circuits to a known power-on state. The BT power-on reset
(POR) circuit is out of reset after BT_REG_ON goes High. If BT_REG_ON is low, then the POR circuit is held in reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com