Electronic Components Datasheet Search
  English  ▼

X  

MB39C007 Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # MB39C007
Description  2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C007 Datasheet(HTML) 4 Page - Cypress Semiconductor

  MB39C007 Datasheet HTML 1Page - Cypress Semiconductor MB39C007 Datasheet HTML 2Page - Cypress Semiconductor MB39C007 Datasheet HTML 3Page - Cypress Semiconductor MB39C007 Datasheet HTML 4Page - Cypress Semiconductor MB39C007 Datasheet HTML 5Page - Cypress Semiconductor MB39C007 Datasheet HTML 6Page - Cypress Semiconductor MB39C007 Datasheet HTML 7Page - Cypress Semiconductor MB39C007 Datasheet HTML 8Page - Cypress Semiconductor MB39C007 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 41 page
background image
Document Number: 002-08228 Rev. *C
Page 4 of 41
MB39C007
2. Pin Descriptions
Pin No.
Pin Name
I/O
Description
1CTLP
I
Voltage detection circuit block control input pin.
(L : Voltage detection function stop , H : Normal operation)
2, 3
CTL2, CTL1
I
DC/DC converter block control input pins.
(L : Shut down , H : Normal operation)
4
AGND
-
Control block ground pin.
5
AVDD
-
Control block power supply pin.
6
VREF
O
Reference voltage output pin.
7
VDET
I
Voltage detection input pin.
8, 23
VREFIN1, VREFIN2
I
Error amplifier (Error Amp) non-inverted input pins.
9, 22
MODE1, MODE2
I
Operation mode switch pins.
(L : PFM/PWM mode , OPEN : PWM mode)
10, 21
OUT1, OUT2
I
Output voltage feedback pins.
11, 12
DVDD1
-
Drive block power supply pins.
19, 20
DVDD2
13, 18
LX1, LX2
O
Inductor connection output pins.
High impedance during shut down.
14, 15
DGND1
-
Drive block ground pins.
16, 17
DGND2
24
XPOR
O
VDET circuit output pin.
Connected to an N-ch MOS open drain circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com