Electronic Components Datasheet Search
  English  ▼

X  

MB39C007 Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # MB39C007
Description  2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C007 Datasheet(HTML) 1 Page - Cypress Semiconductor

  MB39C007 Datasheet HTML 1Page - Cypress Semiconductor MB39C007 Datasheet HTML 2Page - Cypress Semiconductor MB39C007 Datasheet HTML 3Page - Cypress Semiconductor MB39C007 Datasheet HTML 4Page - Cypress Semiconductor MB39C007 Datasheet HTML 5Page - Cypress Semiconductor MB39C007 Datasheet HTML 6Page - Cypress Semiconductor MB39C007 Datasheet HTML 7Page - Cypress Semiconductor MB39C007 Datasheet HTML 8Page - Cypress Semiconductor MB39C007 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
MB39C007
2 ch DC/DC Converter IC with
PFM/PWM Synchronous Rectification
Cypress Semiconductor Corporation
•
198 Champion Court
•
San Jose
, CA 95134-1709
•
408-943-2600
Document Number: 002-08228 Rev. *C
Revised May 31, 2017
Description
The MB39C007 is a current mode type 2-channel DC/DC converter IC built-in voltage detection, synchronous rectifier, and down
conversion support. The device is integrated with a switching FET, oscillator, error amplifier, PFM/PWM control circuit, reference
voltage source, and voltage detection circuit. The external inductor and de-coupling capacitor are needed only for the external
component.MB39C007 is small, achieve a highly effective DC/DC converter in the full load range. This device is suitable as the built-in
power supply for handheld equipment such as mobile phones/PDA, DVDs, and HDDs.
Features
■ High efficiency: 96
% (Max)
■ Low current consumption: 30
μA (At PFM/ch)
■ Output current: 800 mA/ch (Max)
■ Input voltage range: 2.5 V to 5.5 V
■ Operating frequency: 2.0 MHz (Typ)
■ Built-in PWM operation fixed function
■ No flyback diode needed
■ Low dropout operation: For 100
% on duty
■ Built-in high-precision reference voltage generator: 1.30 V
± 2%
■ Consumption current in shutdown mode: 1
μA or less
■ Built-in switching FET: P-ch MOS 0.3
Ω (Typ), N-ch MOS 0.2 Ω (Typ)
■ High speed for input and load transient response in the current mode
■ Over-temperature protection
■ Packaged in a compact package: QFN-24
Applications
■ Flash ROMs
■ MP3 players
■ Electronic dictionary devices
■ Surveillance cameras
■ Portable GPS navigators
■ DVD drives
■ IP phones
■ Network hubs
■ Mobile phones etc.


Similar Part No. - MB39C007

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB39C007 FUJITSU-MB39C007 Datasheet
860Kb / 52P
2 ch DC/DC Converter IC Built-in Switching FET & voltage detection function, PFM/PWM Synchronous Rectification, and Down Conversion Support
MB39C007EVB-06 FUJITSU-MB39C007EVB-06 Datasheet
860Kb / 52P
2 ch DC/DC Converter IC Built-in Switching FET & voltage detection function, PFM/PWM Synchronous Rectification, and Down Conversion Support
MB39C007QN FUJITSU-MB39C007QN Datasheet
860Kb / 52P
2 ch DC/DC Converter IC Built-in Switching FET & voltage detection function, PFM/PWM Synchronous Rectification, and Down Conversion Support
logo
DONGGUAN YOU FENG WEI E...
MB39C007WQN-G-JN-ERE1 YFWDIODE-MB39C007WQN-G-JN-ERE1 Datasheet
828Kb / 52P
ASSP for Power Management Applications
More results

Similar Description - MB39C007

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB39A110 FUJITSU-MB39A110 Datasheet
418Kb / 32P
4-ch DC/DC Converter IC with Synchronous Rectification
MB39A108 FUJITSU-MB39A108_06 Datasheet
525Kb / 45P
5 ch DC/DC Converter IC with Synchronous Rectification
MB39A136PFT-G-JN-ERE1 FUJITSU-MB39A136PFT-G-JN-ERE1 Datasheet
1Mb / 52P
2ch PFM/PWM DC/DC converter IC with synchronous rectification
MB39A214APFT-G-JNERE1 FUJITSU-MB39A214APFT-G-JNERE1 Datasheet
563Kb / 56P
2ch DC/DC converter IC with PFM/ PWM synchronous rectification
logo
Cypress Semiconductor
MB39C011APFT-G-BND-ERE1 CYPRESS-MB39C011APFT-G-BND-ERE1 Datasheet
1Mb / 53P
2 ch DC/DC Converter IC with Synchronous Rectification
MB39A135 CYPRESS-MB39A135 Datasheet
1Mb / 42P
1ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39A136 CYPRESS-MB39A136 Datasheet
1Mb / 50P
2ch PFM/PWM DC/DC Converter IC with Synchronous Rectification
MB39A214A CYPRESS-MB39A214A Datasheet
1Mb / 55P
2ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C006A CYPRESS-MB39C006A Datasheet
2Mb / 36P
1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
MB39C014 CYPRESS-MB39C014 Datasheet
1Mb / 32P
1 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com