Electronic Components Datasheet Search
  English  ▼

X  

MB39C007 Datasheet(PDF) 22 Page - Cypress Semiconductor

Part # MB39C007
Description  2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C007 Datasheet(HTML) 22 Page - Cypress Semiconductor

Back Button MB39C007 Datasheet HTML 18Page - Cypress Semiconductor MB39C007 Datasheet HTML 19Page - Cypress Semiconductor MB39C007 Datasheet HTML 20Page - Cypress Semiconductor MB39C007 Datasheet HTML 21Page - Cypress Semiconductor MB39C007 Datasheet HTML 22Page - Cypress Semiconductor MB39C007 Datasheet HTML 23Page - Cypress Semiconductor MB39C007 Datasheet HTML 24Page - Cypress Semiconductor MB39C007 Datasheet HTML 25Page - Cypress Semiconductor MB39C007 Datasheet HTML 26Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 41 page
background image
Document Number: 002-08228 Rev. *C
Page 22 of 41
MB39C007
0
10
20
30
40
50
60
70
80
90
100
VIN = 3.0 V
VIN = 4.2 V
VIN = 5.0 V
Ta = +25°C
VOUT = 2.5 V
MODE = OPEN
VIN = 3.7 V
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
VIN = 3.0 V
VIN = 4.2 V
Ta = +25°C
VOUT = 1.2 V
MODE = OPEN
VIN = 3.7 V
VIN = 5.0 V
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
VIN = 3.0 V
VIN = 4.2 V
Ta = +25°C
VOUT = 1.8 V
MODE = OPEN
VIN = 3.7 V
VIN = 5.0 V
1
10
100
1000
0
10
20
30
40
50
60
70
80
90
100
VIN = 4.2 V
Ta = +25°C
VIN = 3.7 V
VIN = 5.0 V
1
10
100
1000
VOUT = 3.3 V
MODE = OPEN
Load current IOUT (mA)
Load current IOUT (mA)
Conversion efficiency vs. Load current
(PWM fixed mode)
Conversion efficiency vs. Load current
(PWM fixed mode)
Conversion efficiency vs. Load current
(PWM fixed mode)
Conversion efficiency vs. Load current
(PWM fixed mode)
Load current IOUT (mA)
Load current IOUT (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com