Electronic Components Datasheet Search
  English  ▼

X  

MB39C007 Datasheet(PDF) 18 Page - Cypress Semiconductor

Part # MB39C007
Description  2 ch DC/DC Converter IC with PFM/PWM Synchronous Rectification
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB39C007 Datasheet(HTML) 18 Page - Cypress Semiconductor

Back Button MB39C007 Datasheet HTML 14Page - Cypress Semiconductor MB39C007 Datasheet HTML 15Page - Cypress Semiconductor MB39C007 Datasheet HTML 16Page - Cypress Semiconductor MB39C007 Datasheet HTML 17Page - Cypress Semiconductor MB39C007 Datasheet HTML 18Page - Cypress Semiconductor MB39C007 Datasheet HTML 19Page - Cypress Semiconductor MB39C007 Datasheet HTML 20Page - Cypress Semiconductor MB39C007 Datasheet HTML 21Page - Cypress Semiconductor MB39C007 Datasheet HTML 22Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
Document Number: 002-08228 Rev. *C
Page 18 of 41
MB39C007
10.5
XPOR Threshold Voltage Setting [VPORH, VPORL]
Set the detection voltage by applying voltage to the VDET pin via an external resistor calculated according to this formula.
VTHHPR = 0.600 V
VTHLPR = 0.583 V
■ Example for setting detection voltage to 3.7 V
R3
= 510 kΩ
R4
= 100 kΩ
VPORH=
R3
+ R4
× VTHHPR
R4
VPORL =
R3
+ R4
× VTHLPR
R4
VPORH=
510 k
Ω + 100 kΩ
× 0.600 = 3.66 ≈ 3.7 [V]
100 k
Ω
VPORL =
510 k
Ω + 100 kΩ
× 0.583 = 3.56 ≈ 3.6 [V]
100 k
Ω
R4
R3
1 M
Ω
VIN
XPOR
AVDD
MB39C007
XPOR
VDET



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com