Electronic Components Datasheet Search
  English  ▼

X  

LM2648 Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2648
Description  Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2648 Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button LM2648 Datasheet HTML 15Page - National Semiconductor (TI) LM2648 Datasheet HTML 16Page - National Semiconductor (TI) LM2648 Datasheet HTML 17Page - National Semiconductor (TI) LM2648 Datasheet HTML 18Page - National Semiconductor (TI) LM2648 Datasheet HTML 19Page - National Semiconductor (TI) LM2648 Datasheet HTML 20Page - National Semiconductor (TI) LM2648 Datasheet HTML 21Page - National Semiconductor (TI) LM2648 Datasheet HTML 22Page - National Semiconductor (TI) LM2648 Datasheet HTML 23Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
Component Selection (Continued)
The control-output corner frequencies, and thus the desired
compensation corner frequencies, can be determined ap-
proximately by the following equations:
Since fp is determined by the output network, it will shift with
loading (Ro) and duty cycle. First determine the range of
frequencies (fpmin/max) of the pole across the expected
load range, then place the first compensation zero within that
range.
Example: R
e = 20m
Ω,C
o = 100µF, L = 8 µH, Romax =
5V/100mA = 50
Ω,R
omin = 5V/3A = 1.7
Ω:
Once the fp range is determined, R
c1 should be calculated
using:
Where B is the desired gain in V/V at fp, gm is the transcon-
ductance of the error amplifier, and R1 and R2 are the
feedback resistors. A gain value around 10dB (3.3V/V) is
generally a good starting point.
Example: B = 3.3V/V, gm = 650 µmho, R1 = 20k
Ω,R2=
60.4k
Ω:
Bandwidth will vary proportional to the value of R
c1. Next,
C
c1 can be determined with the following equation:
Example: f
pmin = 363 Hz, Rc1 = 20k
Ω:
The value of C
c1 should be within the range determined by
f
pmin/max. A higher value will generally provide a more
stable loop, but too high a value will slow the transient
response time.
The compensation network (Figure 7) will also introduce a
low frequency pole which will be close to 0Hz.
A second pole should also be placed at fz. This pole can be
created with a single capacitor C
c2 and a shorted Rc2 (see
Figure 7). The minimum value for this capacitor can be
calculated by:
C
c2 may not be necessary, however it does create a more
stable control loop. Under high load current conditions, C
c2
can also help reduce noise in the control loop. For this
purpose a typical value of approximately 220pF is recom-
mended, regardless of the calculated value below.
Example: fz = 80 kHz, R
c1 = 20k
Ω:
A second zero can also be added with a resistor in series
with C
c2. If used, this zero should be placed at fn, where the
control to output gain rolls off at -40dB/dec. Generally, fn will
be well below the 0dB level and thus will have little effect on
stability. R
c2 can be calculated with the following equation:
20059612
FIGURE 6. Output-Control Transfer Function
www.national.com
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com