Electronic Components Datasheet Search
  English  ▼

X  

LM2648 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2648
Description  Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2648 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM2648 Datasheet HTML 3Page - National Semiconductor (TI) LM2648 Datasheet HTML 4Page - National Semiconductor (TI) LM2648 Datasheet HTML 5Page - National Semiconductor (TI) LM2648 Datasheet HTML 6Page - National Semiconductor (TI) LM2648 Datasheet HTML 7Page - National Semiconductor (TI) LM2648 Datasheet HTML 8Page - National Semiconductor (TI) LM2648 Datasheet HTML 9Page - National Semiconductor (TI) LM2648 Datasheet HTML 10Page - National Semiconductor (TI) LM2648 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 23 page
background image
Electrical Characteristics (Continued)
Note 1: Absolute maximum ratings indicate limits beyond which damage to the device may occur. Operating Range indicates conditions for which the device is
intended to be functional, but does not guarantee specfic performance limits. For guaranteed specifications and test conditions, see the Electrical Characteristics.
The guaranteed specifications apply only for the test conditions. Some performance characteristics may degrade when the device is not operated under the listed
test conditions.
Note 2: The maximum allowable power dissipation is calculated by using PDMAX =(TJMAX -TA)/θJA, where TJMAX is the maximum junction temperature, TA is the
ambient temperature and
θJA is the junction-to-ambient thermal resistance of the specified package. The 1.3W rating results from using 125˚C, 25˚C, and 75˚C/W
for TJMAX,TA, and θJA respectively. A θJA of 75˚C/W represents the worst-case condition of no heat sinking of the 56-pin TSSOP. A thermal shutdown will occur if
the temperature exceeds the maximum junction temperature of the device.
θJC = 26˚C/W.
Note 3: For detailed information on soldering plastic small-outline packages, refer to the Packaging Databook available from National Semiconductor Corporation.
Note 4: For testing purposes, ESD was applied using the human-body model, a 100pF capacitor discharged through a 1.5k
Ω resistor.
Note 5: A typical is the center of characterization data measured with low duty cycle pulse tsting at TA = 25˚C. Typicals are not guaranteed.
Note 6: All limits are guaranteed. All electrical characteristics having room-temperature limits are tested during production with TA =TJ = 25˚C. All hot and cold limits
are guaranteed by correlating the electrical characteristics to process and temperature variations and applying statistical process control.
Note 7: All switching controllers are off. The linear regulator VLIN5 remains on.
www.national.com
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com