Electronic Components Datasheet Search
  English  ▼

X  

LM2648 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2648
Description  Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2648 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button LM2648 Datasheet HTML 2Page - National Semiconductor (TI) LM2648 Datasheet HTML 3Page - National Semiconductor (TI) LM2648 Datasheet HTML 4Page - National Semiconductor (TI) LM2648 Datasheet HTML 5Page - National Semiconductor (TI) LM2648 Datasheet HTML 6Page - National Semiconductor (TI) LM2648 Datasheet HTML 7Page - National Semiconductor (TI) LM2648 Datasheet HTML 8Page - National Semiconductor (TI) LM2648 Datasheet HTML 9Page - National Semiconductor (TI) LM2648 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
Electrical Characteristics (Continued)
Unless otherwise specified, V
IN = 12V, SGND = PGND = 0V, VLIN5 = VDD1 = VDD2 = VDD3x. Limits appearing in boldface
type apply over the full operating junction temperature range. Specifications appearing in plain type are measured using low
duty cycle pulse testing with T
A = 25˚C (Note 5), (Note 6). Min/Max limits are guaranteed by design, test, or statistical analysis.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
I
sk_LDRV
LDRVx Sink Current
LDRVX = 2.5V
1.1
A
R
HDRV
HDRVx Source
On-Resistance
V
CBOOTx = 5V,
V
SWx =0V
3.1
Ω
HDRVx Sink
On-Resistance
1.5
Ω
R
LDRV
LDRVx Source
On-Resistance
V
VDDx =5V
3.1
Ω
LDRVx Sink
On-Resistance
1.1
Ω
Oscillator
F
osc
Oscillator Frequency
260
300
340
kHz
Don_max1, 2
Ch. 1, 2 Maximum
On-Duty Cycle
V
FB1 =VFB2 = 1V, Measured at pins
HDRV1 and HDRV2
91
93
%
Don_max3
Ch. 3a, 3b Maximum
On-Duty Cycle
91
94
%
T
on_min
Ch.3 Minimum On-Time
166
ns
SS
OT_delta
HDRVx Delta On Time
HDRV1 and 2 ; HDRV3a and b
150
ns
Error Amplifier
I
FB1, 2
Ch. 1, 2 Feedback Input
Bias Current
V
FB1, 2_ =1V
43
150
nA
I
comp1, 2_SC
COMP Output Source
Current
V
COMP1, 2 = 2.6V
0.5
1.1
mA
I
comp1, 2_SK
COMP Output Sink
Current
V
COMP1, 2 = 1.2V
.21
0.4
mA
GBW1, 2
Unity Gain Bandwidth
8.5
MHz
G1, G2
Error amplifier DC Gain
80
dB
SR1, 2
Slew Rate
4.5
V/µs
V
CLAMPH1, 2
Error Amp High Clamp
3.1
V
V
CLAMPL1, 2
Error Amp Low Clamp
1
V
I
FB3
Ch 3 Feedback Input
Bias Current
V
FB3 = 1.5V
74
±200
nA
I
COMP3_SC
COMP Output Source
Current
V
comp3 = 1.5V
27
115
µA
I
COMP3_SK
COMP Output Sink
Current
V
comp3 = 0.5V
27
111
µA
gm3
Transconductance
650
µmho
GI
SNS3
Ch.3 Current Sense
Amplifier Gain
V
comp3 = 1.25V
4.2
5.4
6.8
www.national.com
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com