Electronic Components Datasheet Search
  English  ▼

X  

LM2648 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM2648
Description  Two-Phase, Synchronous Step-Down 3-Channel Switching Regulator Controller
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM2648 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM2648 Datasheet HTML 1Page - National Semiconductor (TI) LM2648 Datasheet HTML 2Page - National Semiconductor (TI) LM2648 Datasheet HTML 3Page - National Semiconductor (TI) LM2648 Datasheet HTML 4Page - National Semiconductor (TI) LM2648 Datasheet HTML 5Page - National Semiconductor (TI) LM2648 Datasheet HTML 6Page - National Semiconductor (TI) LM2648 Datasheet HTML 7Page - National Semiconductor (TI) LM2648 Datasheet HTML 8Page - National Semiconductor (TI) LM2648 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Pin Descriptions (Continued)
Thresholds are 1.2V and 1.9V typical for shutdown and
UVLO respectively. Connect to Vin through a voltage divider
to set the external UVLO threshold.
VLIN5 (Pin 13): The output of the internal 5V LDO regulator
derived from VIN. It supplies the internal bias for the chip and
supplies the bootstrap circuitry for gate drive. Bypass this pin
to signal ground with a minimum of 4.7uF capacitor. VLIN5
should not be used as an external voltage supply.
NC (Pin 14): All NC pins should be connected to SGND.
SGND (Pin 15): The ground connection for the signal-level
circuitry. It should be connected to the ground rail of the
system.
NC (Pin 16): All NC pins should be connected to SGND.
SS1/2 (Pin 17): This pin is the soft start control for channels
1 and 2. Connect a capacitor from this pin to SGND to
control the ramp rate of the output voltage during startup.
SS3 (Pin 18): The soft start pin for channel 3. See Pin 17
(SS1/2).
TD12-3 (Pin 19): Sequential start timing pin. A capacitor
from this pin to ground sets the delay time between channel
1 and 2 and channel 3 entering softstart.
FAULT_DELAY (Pin 20): A capacitor from this pin to ground
sets the delay time for UVP and PROT-IN2 latch off. The
capacitor is charged from a 5uA current source. When the
FAULT_DELAY capacitor charges to 2V (typical), the system
immediately latches off. Connecting this pin to ground will
disable the UVP and PROT-IN2 functions.
PROT_IN1 (Pin 21): A comparator input that latches off all
channels simultaneously when the applied voltage is above
1.239V (typical) voltage level.
PROT_IN2 (Pin 22): A TTL/CMOS compatible input that
activates FAULT_DELAY when the applied voltage is above
a 1.45V typical threshold.
FB2 (Pin 23): Feedback input for channel 2. Connect to Vout
through a voltage divider to set the Channel 2 output voltage.
COMP2 (Pin 24): Compensation pin for Channel 2. This is
the output of the internal error amplifier. The compensation
network should be connected between this pin and the feed-
back pin FB2 (Pin 23).
NC (Pin 25): All NC pins should be connected to SGND.
ILIM2 (Pin 26): Current limit threshold setting for Channel 2.
See ILIM1 (Pin 3).
RSNS2 (Pin 27): The negative (-) Kelvin sense for the
internal current limit comparator of Channel 2. See RSNS1
(Pin 2).
SW2 (Pin 28): Switch-node connection for Channel 2. See
SW1 (Pin1).
HDRV2 (Pin 29): Top-side gate-drive output for Channel 2.
HDRV is a floating drive output that rides on the correspond-
ing SW node voltage.
CBOOT2 (Pin 30): Bootstrap capacitor connection. It serves
as the positive supply rail for the Channel 2 top-side gate
drive. Connect this pin to VDD2 (Pin 31) through a diode,
and connect the low side of the bootstrap capacitor to SW2
(Pin28).
VDD2 (Pin 31): The supply rail for the Channel 2 low-side
gate drive. Connected to VLIN5 (Pin 13) through a 4.7ohm
resistor and bypassed to PGND with a ceramic capacitor of
at least 1uF. Tie all VDDx pins together.
LDRV2 (Pin 32): Low-side gate-drive output for Channel 2.
PGND2 (Pin 33): The power ground connection for channel
2. Connect to the ground rail of the system.
ILIM3b (Pin 34): Current limit threshold setting for Channel
3b. See ILIM1 (Pin 3).
KS3b (Pin 35): The positive (+) Kelvin sense for the internal
current sense amplifier of Channel 3b. Use a separate trace
to connect this pin to the current sense point. It should be
connected to VIN as close as possible to the node of the
current sense resistor.
RSNS3b (Pin 36): The negative (-) Kelvin sense for the
internal current sense amplifier of Channel 3b. See RSNS1
(Pin 2).
SW3b (Pin 37): Switch-node connection for Channel 3b.
See SW1 (Pin1).
HDRV3b (Pin 38): Top-side gate-drive output for Channel
3b. See HDRV2 (Pin 29).
CBOOT3b (Pin 39): Bootstrap capacitor connection. It
serves as the positive supply rail for the Channel 3b top-side
gate drive. See CBOOT2 (Pin 30).
VDD3b (Pin 40): The supply rail for the Channel 3b low-side
gate drive. Tie all VDDx pins together.
LDRV3b (Pin 41): Low-side gate-drive output for Channel
3b.
PGND3 (Pin 42): The power ground connection for channel
3. Connect to the ground rail of the system.
VIN (Pin 43): The power input pin for the chip. Connect to
the positive (+) input rail of the system. Bypass to PGND with
a 1uF capacitor.
LDRV3a (Pin 44): Low-side gate-drive output for Channel
3a.
VDD3a (Pin 45): The supply rail for the Channel 3a low-side
gate drive. Tie all VDDx pins together.
CBOOT3a (Pin 46): Bootstrap capacitor connection. It
serves as the positive supply rail for the Channel 3a top-side
gate drive. See CBOOT2 (Pin 30).
HDRV3a (Pin 47): Top-side gate-drive output for Channel
3a. See HDRV2 (Pin 29).
SW3a (Pin 48): Switch-node connection for Channel 3a.
See SW1 (Pin1).
RSNS3a (Pin 49): The negative (-) Kelvin sense for the
internal current sense amplifier of Channel 3a. See RSNS1
(Pin 2).
KS3a (Pin 50): The positive (+) Kelvin sense for the internal
current sense amplifier of Channel 3a. See KS3b (Pin 35).
ILIM3a (Pin 51): Current limit threshold setting for Channel
3a. See ILIM1 (Pin 3).
PGND1 (Pin 52): The power ground connection for channel
1. Connect to the ground rail of the system.
LDRV1 (Pin 53): Low-side gate-drive output for Channel 1.
VDD1 (Pin 54): The supply rail for the Channel 1 low-side
gate drive. Tie all VDDx pins together.
CBOOT1 (Pin 55): Bootstrap capacitor connection. It serves
as the positive supply rail for the Channel 1 top-side gate
drive. See CBOOT2 (Pin 30).
HDRV1 (Pin 56): Top-side gate-drive output for Channel 1.
See HDRV2 (Pin 29).
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com