Electronic Components Datasheet Search
  English  ▼

X  

S6AP412A Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # S6AP412A
Description  3ch DC/DC Converter with I2C Interface and Internal SW FETs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6AP412A Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button S6AP412A Datasheet HTML 35Page - Cypress Semiconductor S6AP412A Datasheet HTML 36Page - Cypress Semiconductor S6AP412A Datasheet HTML 37Page - Cypress Semiconductor S6AP412A Datasheet HTML 38Page - Cypress Semiconductor S6AP412A Datasheet HTML 39Page - Cypress Semiconductor S6AP412A Datasheet HTML 40Page - Cypress Semiconductor S6AP412A Datasheet HTML 41Page - Cypress Semiconductor S6AP412A Datasheet HTML 42Page - Cypress Semiconductor S6AP412A Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
Document Number: 002-08447 Rev.*A
March 28, 2016
Page 39 of 68
S6AP412A
21.3 About DD3 Output Voltage Setting
 Address 02H DD3 is allocated as resisters for the DC/DC output voltage setting.
 The DC/DC output voltage setting of DD3 is controlled by writing data to address 02H.
address02H: For DD3 output voltage setting
D02 to D00: Set the output voltage
DD3 Output Voltage Setting Table
Data
Output Voltage(V)
00H
2.80 (*1)
01H
2.90
02H
3.00 (*1)
03H
3.10
04H
3.20
05H
3.30 (*1)
06H
3.40
07H
3.50 (*1)
*1: Preset value
0
0
0
0
0
D02
D01
D00
MSB
LSB
S
T
A
R
T
Data
A
C
K
S
T
O
P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com