Electronic Components Datasheet Search
  English  ▼

X  

S6AP412A Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # S6AP412A
Description  3ch DC/DC Converter with I2C Interface and Internal SW FETs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6AP412A Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button S6AP412A Datasheet HTML 17Page - Cypress Semiconductor S6AP412A Datasheet HTML 18Page - Cypress Semiconductor S6AP412A Datasheet HTML 19Page - Cypress Semiconductor S6AP412A Datasheet HTML 20Page - Cypress Semiconductor S6AP412A Datasheet HTML 21Page - Cypress Semiconductor S6AP412A Datasheet HTML 22Page - Cypress Semiconductor S6AP412A Datasheet HTML 23Page - Cypress Semiconductor S6AP412A Datasheet HTML 24Page - Cypress Semiconductor S6AP412A Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
Document Number: 002-08447 Rev.*A
March 28, 2016
Page 21 of 68
S6AP412A
12. Turning ON and OFF Sequence (AVCC →CTLMAIN→CTL1→CTL2→ CTL3)
*1: DD1, DD2, DD3
*2: VREF18 activations depend on the VREF18 pin capacitance.
Time in the sequence figure above is applied for the following condition.
VREF18 pin capacitance: 1.0µF
AVCC
osc
(IC internal signal)
3.3V
93%
DD1
PG1=CTL2
CTLMAIN
CTL1
DD2
PG2=CTL3
VREF18
1.8V
Discharge
Discharge
93%
uvlo_vcc
(IC internal signal)
UVLO release to DD* activation
DD3
PG3
Discharge
93%
  
  
Time till start (*1)
Typ : (820)µs
Max : TBD µs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com