Electronic Components Datasheet Search
  English  ▼

X  

S6AP412A Datasheet(PDF) 13 Page - Cypress Semiconductor

Part # S6AP412A
Description  3ch DC/DC Converter with I2C Interface and Internal SW FETs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6AP412A Datasheet(HTML) 13 Page - Cypress Semiconductor

Back Button S6AP412A Datasheet HTML 9Page - Cypress Semiconductor S6AP412A Datasheet HTML 10Page - Cypress Semiconductor S6AP412A Datasheet HTML 11Page - Cypress Semiconductor S6AP412A Datasheet HTML 12Page - Cypress Semiconductor S6AP412A Datasheet HTML 13Page - Cypress Semiconductor S6AP412A Datasheet HTML 14Page - Cypress Semiconductor S6AP412A Datasheet HTML 15Page - Cypress Semiconductor S6AP412A Datasheet HTML 16Page - Cypress Semiconductor S6AP412A Datasheet HTML 17Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
Document Number: 002-08447 Rev.*A
March 28, 2016
Page 13 of 68
S6AP412A
8. Electrical Characteristics
8.1
Reference Control Block
(AVCC = PVCC1A=PVCC1B=PVCC2=PVCC3 = 3.3V, supply,
PGND1A=PGND1B=PGND2=PGND3=GND=0V. Ta = +25°C, unless otherwise noted. )
Parameter
Symbol
Condition
Value
Unit
Min
Typ
Max
1. Reference voltage
[ VREF18 ]
Output voltage
VVREF1
VREF18 pin = 0mA
1.773
1.800
1.827
V
VVREF2
AVCC pin = 2.5V to 5.5V
VREF18 pin = 0mA
1.768
1.800
1.832
V
VVREF3
VREF18 pin = 0mA to -1mA
1.768
1.800
1.832
V
2. Under voltage lockout
[ VCC UVLO ]
Threshold voltage
VTH
AVCC rising
2.156
2.20
2.244
V
Hysteresis width
VH
-
-
0.20(*1)
-
V
3. Over current protection
[ OCP ]
Timer
tOCP1
DD1, DD2, DD3
0.9
1
1.1
ms
4. Thermal shut down
[ TSD ]
Stop temperature
TTSDH
-
125(*2)
150
-
°C
5. Input block (CTL,MODE,CTLMAIN)
[ CTL,MODE,CTLMAIN ]
Input voltage
VIH
CTL1, CTL2, CTL3,MODE pin
CTLMAIN pin
AVCC
×0.7
-
AVCC
V
Input voltage
VIL
CTL1, CTL2, CTL3,MODE pin
CTLMAIN pin
0
-
0.4
V
Input current
ICTLH
IMODEH
CTL1, CTL2, CTL3,MODE pin = 3.3V
CTLMAIN pin = 3.3V
2.5
3.3
4.7
µA
ICTLL
IMODEL
CTL1, CTL2, CTL3,MODE pin = 0V
CTLMAIN pin = 0V
-
-
1
µA
Input pull-down resistor
RP
CTL1, CTL2, CTL3,MODE pin
CTLMAIN pin
-
1(*1)
-
MΩ
6. Consumption current (DC/DC converter block)
Power supply current
IVCCS1
CTL1, CTL2, CTL3 pin = 0V
CTLMAIN pin = 0V
-
0
1.0
µA
IVCCS2
CTL1, CTL2, CTL3 pin = 0V
CTLMAIN pin =3.3V
-
30
45
µA
IVCC
DD1,DD2,DD3=ON,MODE=3.3V,
All DD are 0mA
(operation mode: PFM/PWM mode)
-
430
630
µA
IVCC
DD1,DD2,DD3=ON,MODE=0V
All DD are 0mA
(operation mode: Fixed PWM mode)
-
18
27
mA
*1: This parameter is not be specified. This should be used as a reference to support designing the circuits.
*2: No production tested, ensure by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com