Electronic Components Datasheet Search
  English  ▼

X  

S6AP412A Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # S6AP412A
Description  3ch DC/DC Converter with I2C Interface and Internal SW FETs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S6AP412A Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button S6AP412A Datasheet HTML 19Page - Cypress Semiconductor S6AP412A Datasheet HTML 20Page - Cypress Semiconductor S6AP412A Datasheet HTML 21Page - Cypress Semiconductor S6AP412A Datasheet HTML 22Page - Cypress Semiconductor S6AP412A Datasheet HTML 23Page - Cypress Semiconductor S6AP412A Datasheet HTML 24Page - Cypress Semiconductor S6AP412A Datasheet HTML 25Page - Cypress Semiconductor S6AP412A Datasheet HTML 26Page - Cypress Semiconductor S6AP412A Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 68 page
background image
Document Number: 002-08447 Rev.*A
March 28, 2016
Page 23 of 68
S6AP412A
14. CTL Pin, MODE Pin, ADDSEL Pin Threshold Voltage
The input circuit structure for the CTL(*1) pin is the schmitt trigger style, and the threshold voltage shows the hysteresis
characteristics when CTL(*1) OFF to ON and ON to OFF.
(See "CTL(*1) pin equivalent circuit diagram" below.)
Also, the threshold voltage level depends on the VCC pin voltage.
Moreover, make sure to input either the "H" level (>"VCC×0.7"V) or "L" level (<0.4V) to the CTL(*1) and MODE and ADDSEL pin
when in use.
Figure 3. CTL (*1), MODE, ADDSEL Pin Equivalent Circuit Diagram
*1: CTLMAIN, CTL1, CTL2, CTL3
GND
CTL*
MODE
ADDSEL
AVCC
ESD protection
element
The CTL threshold voltage
shows the hysteresis
characteristics.
ESD protection
element
(*1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com