Electronic Components Datasheet Search
  English  ▼

X  

P11P Datasheet(PDF) 8 Page - Vishay Siliconix

Part # P11P
Description  12.5 mm Modular Panel Potentiometer High Dielectric Strength
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11P Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button P11P Datasheet HTML 4Page - Vishay Siliconix P11P Datasheet HTML 5Page - Vishay Siliconix P11P Datasheet HTML 6Page - Vishay Siliconix P11P Datasheet HTML 7Page - Vishay Siliconix P11P Datasheet HTML 8Page - Vishay Siliconix P11P Datasheet HTML 9Page - Vishay Siliconix P11P Datasheet HTML 10Page - Vishay Siliconix P11P Datasheet HTML 11Page - Vishay Siliconix P11P Datasheet HTML 12Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
P11P, P11D
www.vishay.com
Vishay Sfernice
Revision: 20-Jul-17
8
Document Number: 51059
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION (part number)
P
1
1
P
2
F
0
G
G
S
Y
00103
M
A
MODEL
STYLE
NUMBER
OF
MODULES
BUSHING
OPTION
SHAFT
SHAFT
STYLE
LEADS
RESISTANCE CODE/
TOLERANCE/
TAPER OR SPECIAL
Available leads
A00 W00 X00 Y00 Z00
A10 W10 X03 Y03 Z03
A13 W20 X04 Y04 Z04
A14
X10
Z10
A20
X13
Z13
A23
X14
Z14
A24
X20
Z20
X23
Z23
X24
Z24
FIRST DIGIT
SECOND DIGIT
THIRD DIGIT
Y
Soldering lugs
0
Y = 4.65 (0.183")
A, X, Z, W = 5.08 (0.200") pin spacing
pins section 0.9 x 0.3 (0.035" x 0.012")
0
5.08 (0.200") space between modules
X
PCB pins
3
7.62 (0.300") space between modules
Z
PCB pins with front support plate
4
10.16 (0.400") space between modules
A
PCB pins with front and back support
plates
1
2.54 (0.100") pin spacing
pin section 0.6 x 0.3 (0.024" x 0.012")
W
PCB pins - vertical mounting with 2 extra
pins - 1 module only
2
5.08 (0.200") pin spacing
pins section 0.6 x 0.3 (0.024" x 0.012")
DIMENSIONS in millimeters (inches) ± 0.5 mm (± 0.02")
THE POSITION OF EACH MODULE IS FREE
LEADS
X../Y..
A../Z1./Z2.
Z0. (except with rotary switch)
Z0. (with rotary switch)
E
-
3.63 (0.14)
3.81 (0.15)
2.15 (0.085)
F
-
3.81 (0.15)
5.08 (0.20)
5.08 (0.20)
J
7.06 (0.278)
-
-
-
3.71
(0.146)
6.85
(0.270)
J
13
(0.512)
4.7
(0.185)
12.5
(0.492)
12.5
(0.492)
4.7
(0.185)
2.4
(0.09)
1.8
(0.07)
5
(0.197)
0.9
(0.035)
0.9
(0.035)
SOLDER LUGS Y
1
2.54
(0.100)
5.08
(0.200)
X1
2
X
-
X
23
123
PCB PIN OUT
HORIZONTAL MOUNTING
E
F
6.35
(0.250)
3
2
1
A/A2
(0.150)
3.81
(0.150)
A1
3.81
FRONT AND REAR SUPPORT PLATES
FRONT SUPPORT PLATE
2.54
(0.100)
5.08
(0.200)
3.81
(0.150)
5.08
(0.200)
5.08
(0.200)
3.81
(0.150)
2
Z
1
Z
Z
12 3
123
1 2 3
VERTICAL MOUNTING
AB
C
K
4
(0.157)
12.7
(0.500)
12.7
(0.500)
5.08
(0.200)
2.54
(0.100)
12.7
(0.500)
W-W2
1 2 3
W1
12 3
Rear suppots
plate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com