Electronic Components Datasheet Search
  English  ▼

X  

P11P Datasheet(PDF) 13 Page - Vishay Siliconix

Part # P11P
Description  12.5 mm Modular Panel Potentiometer High Dielectric Strength
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11P Datasheet(HTML) 13 Page - Vishay Siliconix

Back Button P11P Datasheet HTML 6Page - Vishay Siliconix P11P Datasheet HTML 7Page - Vishay Siliconix P11P Datasheet HTML 8Page - Vishay Siliconix P11P Datasheet HTML 9Page - Vishay Siliconix P11P Datasheet HTML 10Page - Vishay Siliconix P11P Datasheet HTML 11Page - Vishay Siliconix P11P Datasheet HTML 12Page - Vishay Siliconix P11P Datasheet HTML 13Page - Vishay Siliconix P11P Datasheet HTML 14Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
P11P, P11D
www.vishay.com
Vishay Sfernice
Revision: 20-Jul-17
13
Document Number: 51059
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
EXAMPLES OF FIRST ORDER INFORMATION
FIRST EXAMPLE: Triple module (switch is counted as a module)
P1
1
P
3
F
0
G
G
S
Y
0
0
MODEL
P11
STYLE
P
3 MODULES
BUSHING F
(Ø 3/8"/
L 3/8")
WITHOUT
LOCATING PEG
SHAFT SLOTTED
(L 5/8")
SOLDER LUGS
SPECIAL TO BE
DEFINED BY VISHAY
ORDERING INFORMATION:
PART NUMBER
P11P3F0GGSY00.....
SHAFT AND BUSHING
See drawing of special shaft attached
MODULE NO. 1
RSID
MODULE NO. 2
103 M A
J123
MODULE NO. 3
503 M A
J
PART NUMBER DESCRIPTION (used on some Vishay document or label, for information only)
P11P
3
F
0
GG
S
Y00
10K
20 %
A
e3
MODEL
MODULES
BUSHING
OPTION
SHAFT
SHAFT
STYLE
LEADS
VALUE
TOL.
TAPER
SPECIAL
SPECIAL
LEAD
(Pb)-FREE
RELATED DOCUMENTS
APPLICATION NOTES
Potentiometers and Trimmers
www.vishay.com/doc?51001
Guidelines for Vishay Sfernice Resistive and Inductive Components
www.vishay.com/doc?52029



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com