Electronic Components Datasheet Search
  English  ▼

X  

P11P Datasheet(PDF) 3 Page - Vishay Siliconix

Part # P11P
Description  12.5 mm Modular Panel Potentiometer High Dielectric Strength
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11P Datasheet(HTML) 3 Page - Vishay Siliconix

  P11P Datasheet HTML 1Page - Vishay Siliconix P11P Datasheet HTML 2Page - Vishay Siliconix P11P Datasheet HTML 3Page - Vishay Siliconix P11P Datasheet HTML 4Page - Vishay Siliconix P11P Datasheet HTML 5Page - Vishay Siliconix P11P Datasheet HTML 6Page - Vishay Siliconix P11P Datasheet HTML 7Page - Vishay Siliconix P11P Datasheet HTML 8Page - Vishay Siliconix P11P Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
P11P, P11D
www.vishay.com
Vishay Sfernice
Revision: 20-Jul-17
3
Document Number: 51059
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
MECHANICAL (initial)
Mechanical travel
300° ± 5°
Operating torque (typical)
single and dual assemblies
0.2 Ncm to 1 Ncm max. (0.3 oz.-inch to 1.4 oz.-inch max.)
three to seven modules (per module)
0.2 Ncm to 0.3 Ncm max. (0.3 oz.-inch to 0.45 oz.-inch max.)
End stop torque
80 Ncm max. (6.8 lb-inch max.)
Tightening torque
150 Ncm max. (13 lb-inch max.)
Weight
single assemblies
3.5 g
two to seven modules (per module)
1.5 g to 2 g (0.25 oz. to 0.32 oz.)
ENVIRONMENTAL SPECIFICATIONS
P11D
P11P
Operating temperature range
-40 °C to +100 °C
-40 °C to +100 °C
Climatic category
40/100/21
40/100/56
Sealing
IP64
IP64
Storage temperature
-40 °C to +100 °C
-40 °C to +100 °C
MARKING
• Potentiometer module
Vishay logo, SAP code of ohmic value, tolerance in %,
variation law, manufacturing date (four digits), “3” for the
lead 3, product series (P11D, P11P)
• Switch module
Version, manufacturing date (four digits), “c” for common
lead
• Indent module
Version, manufacturing date (four digits)
PACKAGING
• Box
PERFORMANCES
TESTS
CONDITIONS
TYPICAL VALUE AND DRIFTS
P11D
P11P
Electrical endurance
1000 h at rated power
90’/30’ - ambient temp. 70 °C
R
T/RT
± 10 %
± 2 %
Contact resistance variation
± 5 %
± 4 %
Change of temperature
-40 °C to +100 °C, 5 cycles
R
T/RT
± 0.5 %
± 0.2 %
Damp heat, steady state
+40 °C, 93 % relative humidity
P11P: 56 days, P11D: 21 days
R
T/RT
± 5 %
± 2 %
Insulation resistance
> 10 M
> 1000 M
Mechanical endurance
50 000 cycles
R
T/RT
± 6 %
± 5 %
Contact resistance variation
± 4 %
± 5 %
Climatic sequence
Dry heat at +125 °C/damp heat
cold -55 °C/damp heat, 5 cycles
R
T/RT
-± 1 %
Shock
50 g’s, 11 ms
3 shocks - 3 directions
R
T/RT
± 0.2 %
± 0.2 %
R
1-2/R1-2
± 0.5 %
± 0.5 %
Vibration
10 Hz to 55 Hz
0.75 mm or 10 g’s, 6 h
R
T/RT
± 0.2 %
± 0.2 %
V
1-2/V1-3
± 0.5 %
± 0.5 %



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com