Electronic Components Datasheet Search
  English  ▼

X  

P11P Datasheet(PDF) 2 Page - Vishay Siliconix

Part # P11P
Description  12.5 mm Modular Panel Potentiometer High Dielectric Strength
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

P11P Datasheet(HTML) 2 Page - Vishay Siliconix

  P11P Datasheet HTML 1Page - Vishay Siliconix P11P Datasheet HTML 2Page - Vishay Siliconix P11P Datasheet HTML 3Page - Vishay Siliconix P11P Datasheet HTML 4Page - Vishay Siliconix P11P Datasheet HTML 5Page - Vishay Siliconix P11P Datasheet HTML 6Page - Vishay Siliconix P11P Datasheet HTML 7Page - Vishay Siliconix P11P Datasheet HTML 8Page - Vishay Siliconix P11P Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
P11P, P11D
www.vishay.com
Vishay Sfernice
Revision: 20-Jul-17
2
Document Number: 51059
For technical questions, contact: sferpottrimmers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GENERAL SPECIFICATIONS
Notes
• Nothing stated herein shall be construed as a guarantee of quality or durability
(1) Consult Vishay Sfernice for other ohmic values
ELECTRICAL (initial)
P11D
P11P
Resistive element
Conductive plastic
Cermet
Electrical travel
270° ± 10°
270° ± 10°
Resistance range (1)
linear taper
1 k
 to 1 M
20
 to 10 M
non-linear taper
470
 to 500 k
100
 to 2.2 M
Tolerance
standard
± 20 %
± 20 %
on request
± 10 %
± 5 % or ± 10 %
Taper
Circuit diagram
Power rating at 70 °C
linear taper
0.5 W at +70 °C
1 W at +70 °C
non-linear taper
0.25 W at +70 °C
0.5 W at +70 °C
multiple assemblies
0.25 W at +70 °C per module
0.5 W at +70 °C per module
Temperature coefficient, -40 °C to +100 °C (typical)
± 500 ppm
± 150 ppm
Limiting element voltage
350 V
350 V
End resistance (typical)
2
2
Contact resistance variation (typical)
linear taper
1 %
2 % or 3
Independent linearity (typical)
linear taper
± 5 %
± 5 %
Insulation resistance
106 M
 min.
106 M
 min.
Dielectric strength
leads to support plate
3000 VRMS min.
3000 VRMS min.
leads to shaft and bushing
5000 VRMS min.
5000 VRMS min.
Mechanical endurance
50 000 cycles
50 000 cycles
R
F
S
W
L
A
90 %
50 %
20 %
10 %
Vs
%
Ve
Mechanical travel 300 °C
31°
31°
Electrical travel
with switch 238°
15°
15°
Electrical travel 270 °C
50 %
a
(1)
b
(2)
c
(3)
cw
130
70
60
50
40
30
20
10
0
0
1
Ambient Temperature (°C)
120
110
100
90
80
0.5
P11P Linear Taper
P11P Non-Linear Taper
P11D Linear Taper
0.25
P11D Non-Linear Taper
0.75
1.25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com