Electronic Components Datasheet Search
  English  ▼

X  

MB95200H Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB95200H
Description  F2MC-8FX 8-bit Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95200H Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB95200H Datasheet HTML 35Page - Cypress Semiconductor MB95200H Datasheet HTML 36Page - Cypress Semiconductor MB95200H Datasheet HTML 37Page - Cypress Semiconductor MB95200H Datasheet HTML 38Page - Cypress Semiconductor MB95200H Datasheet HTML 39Page - Cypress Semiconductor MB95200H Datasheet HTML 40Page - Cypress Semiconductor MB95200H Datasheet HTML 41Page - Cypress Semiconductor MB95200H Datasheet HTML 42Page - Cypress Semiconductor MB95200H Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
MB95200H/210H Series
Document Number: 002-07463 Rev. *B
Page 39 of 66
18.4.3 External Reset
(VCC = 5.0 V±10%, VSS = 0.0 V, TA = -40°C to +85°C)
*1: See “18.4.2. Source Clock/Machine Clock” for tMCLK.
*2: The oscillation time of an oscillator is the time that the amplitude reaches 90%. The crystal oscillator has an oscillation time of
between several ms and tens of ms. The ceramic oscillator has an oscillation time of between hundreds of µs and several ms.
The external clock has an oscillation time of 0 ms. The CR oscillator clock has an oscillation time of between several µs and
several ms.
Parameter
Symbol
Value
Unit
Remarks
Min
Max
RSTX “L” level pulse
width
tRSTL
2 tMCLK*1
—
ns
In normal operation
Oscillation time of the oscil-
lator*2
100
—µs
In stop mode, subclock mode,
sub-sleep mode, watch mode, and
power on
100
—
µs
In timebase timer mode
0.2 VCC
RSTX
0.2 VCC
tRSTL
0.2 VCC
0.2 VCC
100
μs
RSTX
X0
Internal
operating
clock
90% of
amplitude
Oscillation
time of
oscillator
Oscillation stabilization wait time
Execute instruction
Internal reset
In normal operation
In stop mode, sub-clock mode, sub-sleep mode, watch mode, and power-on
tRSTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com