Electronic Components Datasheet Search
  English  ▼

X  

MB95200H Datasheet(PDF) 21 Page - Cypress Semiconductor

Part # MB95200H
Description  F2MC-8FX 8-bit Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95200H Datasheet(HTML) 21 Page - Cypress Semiconductor

Back Button MB95200H Datasheet HTML 17Page - Cypress Semiconductor MB95200H Datasheet HTML 18Page - Cypress Semiconductor MB95200H Datasheet HTML 19Page - Cypress Semiconductor MB95200H Datasheet HTML 20Page - Cypress Semiconductor MB95200H Datasheet HTML 21Page - Cypress Semiconductor MB95200H Datasheet HTML 22Page - Cypress Semiconductor MB95200H Datasheet HTML 23Page - Cypress Semiconductor MB95200H Datasheet HTML 24Page - Cypress Semiconductor MB95200H Datasheet HTML 25Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 66 page
background image
MB95200H/210H Series
Document Number: 002-07463 Rev. *B
Page 21 of 66
(Continued)
R/W access symbols
Initial value symbols
Note: Do not write to an address that is “(Disabled)”. If a “(Disabled)” address is read, an undefined value is returned.
Address
Register
abbreviation
Register name
R/W
Initial value
0FE6H to
0FE7H
—
(Disabled)
—
—
0FE8H
SYSC
System configuration register
R/W
11000011B
0FE9H
CMCR
Clock monitoring control register
R/W
XX000000B
0FEAH
CMDR
Clock monitoring data register
R/W
00000000B
0FEBH
WDTH
Watchdog timer selection ID register (Upper)
R/W
XXXXXXXXB
0FECH
WDTL
Watchdog timer selection ID register (Lower)
R/W
XXXXXXXXB
0FEDH
—
(Disabled)
—
—
0FEEH
ILSR
Input level select register
R/W
00000000B
0FEFH to
0FFFH
—
(Disabled)
—
—
R/W
: Readable / Writable
R
: Read only
W
: Write only
0
: The initial value of this bit is “0”.
1
: The initial value of this bit is “1”.
X
: The initial value of this bit is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com