Electronic Components Datasheet Search
  English  ▼

X  

MB95200H Datasheet(PDF) 23 Page - Cypress Semiconductor

Part # MB95200H
Description  F2MC-8FX 8-bit Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95200H Datasheet(HTML) 23 Page - Cypress Semiconductor

Back Button MB95200H Datasheet HTML 19Page - Cypress Semiconductor MB95200H Datasheet HTML 20Page - Cypress Semiconductor MB95200H Datasheet HTML 21Page - Cypress Semiconductor MB95200H Datasheet HTML 22Page - Cypress Semiconductor MB95200H Datasheet HTML 23Page - Cypress Semiconductor MB95200H Datasheet HTML 24Page - Cypress Semiconductor MB95200H Datasheet HTML 25Page - Cypress Semiconductor MB95200H Datasheet HTML 26Page - Cypress Semiconductor MB95200H Datasheet HTML 27Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 66 page
background image
MB95200H/210H Series
Document Number: 002-07463 Rev. *B
Page 23 of 66
(Continued)
Address
Register
abbreviation
Register name
R/W
Initial value
004AH
EIC20
External interrupt circuit control register ch. 4
R/W
00000000B
004BH
EIC30
External interrupt circuit control register ch. 6
R/W
00000000B
004CH to
004FH
—
(Disabled)
—
—
0050H
—
(Disabled)
—
—
0051H
—
(Disabled)
—
—
0052H
—
(Disabled)
—
—
0053H
—
(Disabled)
—
—
0054H
—
(Disabled)
—
—
0055H
—
(Disabled)
—
—
0056H to
006BH
—
(Disabled)
—
—
006CH
ADC1
8/10-bit A/D converter control register 1
R/W
00000000B
006DH
ADC2
8/10-bit A/D converter control register 2
R/W
00000000B
006EH
ADDH
8/10-bit A/D converter data register (Upper)
R/W
00000000B
006FH
ADDL
8/10-bit A/D converter data register (Lower)
R/W
00000000B
0070H to
0071H
—
(Disabled)
—
—
0072H
FSR
Flash memory status register
R/W
000X0000B
0073H to
0075H
—
(Disabled)
—
—
0076H
WREN
Wild register address compare enable register
R/W
00000000B
0077H
WROR
Wild register data test setting register
R/W
00000000B
0078H
—
Mirror of register bank pointer (RP) and direct bank pointer (DP)
—
—
0079H
ILR0
Interrupt level setting register 0
R/W
11111111B
007AH
ILR1
Interrupt level setting register 1
R/W
11111111B
007BH
—
(Disabled)
—
—
007CH
—
(Disabled)
—
—
007DH
ILR4
Interrupt level setting register 4
R/W
11111111B
007EH
ILR5
Interrupt level setting register 5
R/W
11111111B
007FH
—
(Disabled)
—
—
0F80H
WRARH0
Wild register address setting register (Upper) ch. 0
R/W
00000000B
0F81H
WRARL0
Wild register address setting register (Lower) ch. 0
R/W
00000000B
0F82H
WRDR0
Wild register data setting register ch. 0
R/W
00000000B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com