Electronic Components Datasheet Search
  English  ▼

X  

MB95200H Datasheet(PDF) 2 Page - Cypress Semiconductor

Part # MB95200H
Description  F2MC-8FX 8-bit Microcontroller
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB95200H Datasheet(HTML) 2 Page - Cypress Semiconductor

  MB95200H Datasheet HTML 1Page - Cypress Semiconductor MB95200H Datasheet HTML 2Page - Cypress Semiconductor MB95200H Datasheet HTML 3Page - Cypress Semiconductor MB95200H Datasheet HTML 4Page - Cypress Semiconductor MB95200H Datasheet HTML 5Page - Cypress Semiconductor MB95200H Datasheet HTML 6Page - Cypress Semiconductor MB95200H Datasheet HTML 7Page - Cypress Semiconductor MB95200H Datasheet HTML 8Page - Cypress Semiconductor MB95200H Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 66 page
background image
MB95200H/210H Series
Document Number: 002-07463 Rev. *B
Page 2 of 66
Contents
Product Line-up ................................................................ 3
Packages and Corresponding Products ........................ 4
Differences Among Products And Notes
On Product Selection ....................................................... 4
Pin Assignment ................................................................ 5
Pin Description (MB95200H Series 24 pins) .................. 6
Pin Description (MB95200H Series 20 pins) .................. 8
Pin Description (MB95210H Series) .............................. 10
I/O Circuit Type ............................................................... 11
Notes on Device Handling ............................................. 13
Pin Connection ............................................................... 13
Block Diagram (MB95200H Series) ............................... 15
Block Diagram (MB95210H Series) ............................... 16
CPU Core ......................................................................... 17
I/O Map (MB95200H Series) ........................................... 18
I/O Map (MB95210H Series) ........................................... 22
Interrupt Source Table (MB95200H Series) .................. 26
Interrupt Source Table (MB95210H Series) .................. 27
Electrical Characteristics ............................................... 28
Absolute Maximum Ratings ....................................... 28
Recommended Operating Conditions ....................... 30
DC Characteristics .................................................... 31
AC Characteristics ..................................................... 34
A/D Converter ............................................................ 49
Flash Memory Program/Erase Characteristics .......... 53
Sample Electrical Characteristics ................................. 54
Mask Options .................................................................. 60
Ordering Information ...................................................... 60
Package Dimensions ...................................................... 61
Major Changes ................................................................ 65
Document History ........................................................... 65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com