Electronic Components Datasheet Search
  English  ▼

X  

MB96320 Datasheet(PDF) 3 Page - Cypress Semiconductor

Part # MB96320
Description  F2MC-16FX, 16-bit Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96320 Datasheet(HTML) 3 Page - Cypress Semiconductor

  MB96320 Datasheet HTML 1Page - Cypress Semiconductor MB96320 Datasheet HTML 2Page - Cypress Semiconductor MB96320 Datasheet HTML 3Page - Cypress Semiconductor MB96320 Datasheet HTML 4Page - Cypress Semiconductor MB96320 Datasheet HTML 5Page - Cypress Semiconductor MB96320 Datasheet HTML 6Page - Cypress Semiconductor MB96320 Datasheet HTML 7Page - Cypress Semiconductor MB96320 Datasheet HTML 8Page - Cypress Semiconductor MB96320 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 94 page
background image
MB96320 Series
Document Number: 002-04584 Rev. *A
Page 2 of 93
Features
Feature
Description
Technology
■ 0.18m CMOS
CPU
■ F2MC-16FX CPU
■ Up to 56 MHz internal, 17.8 ns instruction cycle time
■ Optimized instruction set for controller applications (bit, byte, word and long-word data types; 23 different
addressing modes; barrel shift; variety of pointers)
■ 8-byte instruction execution queue
■ Signed multiply (16-bit 16-bit) and divide (32-bit/16-bit) instructions available
System clock
■ On-chip PLL clock multiplier (x1 - x25, x1 when PLL stop)
■ 3 MHz - 16 MHz external crystal oscillator clock (maximum frequency when using ceramic resonator
depends on Q-factor).
■ Up to 56 MHz external clock
■ 32-100 kHz subsystem quartz clock
■ 100kHz/2MHz internal RC clock for quick and safe startup, oscillator stop detection, watchdog
■ Clock source selectable from main- and subclock oscillator (part number suffix “W”) and on-chip RC
oscillator, independently for CPU and 2 clock domains of peripherals.
■ Low Power Consumption - 13 operating modes : (different Run, Sleep, Timer modes, Stop mode)
■ Clock modulator
On-chip voltage regulator
■ Internal voltage regulator supports reduced internal MCU voltage, offering low EMI and low power
consumption figures
Low voltage reset
■ Reset is generated when supply voltage is below minimum.
Code Security
■ Protects ROM content from unintended read-out
Memory Patch Function
■ Replaces ROM content
■ Can also be used to implement embedded debug support
DMA
■ Automatic transfer function independent of CPU, can be assigned freely to resources
Interrupts
■ Fast Interrupt processing
■ 8 programmable priority levels
■ Non-Maskable Interrupt (NMI)
Timers
■ Three independent clock timers (23-bit RC clock timer, 23-bit Main clock timer, 17-bit Sub clock timer)
■ Watchdog Timer
CAN
■ Supports CAN protocol version 2.0 part A and B
■ ISO16845 certified
■ Bit rates up to 1 Mbit/s
■ 32 message objects
■ Each message object has its own identifier mask
■ Programmable FIFO mode (concatenation of message objects)
■ Maskable interrupt
■ Disabled Automatic Retransmission mode for Time Triggered CAN applications
■ Programmable loop-back mode for self-test operation
USART
■ Full duplex USARTs (SCI/LIN)
■ Wide range of baud rate settings using a dedicated reload timer
■ Special synchronous options for adapting to different synchronous serial protocols
■ LIN functionality working either as master or slave LIN device
I2C
■ Up to 400 kbps
■ Master and Slave functionality, 8-bit and 10-bit addressing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com