Electronic Components Datasheet Search
  English  ▼

X  

MB96320 Datasheet(PDF) 63 Page - Cypress Semiconductor

Part # MB96320
Description  F2MC-16FX, 16-bit Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96320 Datasheet(HTML) 63 Page - Cypress Semiconductor

Back Button MB96320 Datasheet HTML 59Page - Cypress Semiconductor MB96320 Datasheet HTML 60Page - Cypress Semiconductor MB96320 Datasheet HTML 61Page - Cypress Semiconductor MB96320 Datasheet HTML 62Page - Cypress Semiconductor MB96320 Datasheet HTML 63Page - Cypress Semiconductor MB96320 Datasheet HTML 64Page - Cypress Semiconductor MB96320 Datasheet HTML 65Page - Cypress Semiconductor MB96320 Datasheet HTML 66Page - Cypress Semiconductor MB96320 Datasheet HTML 67Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 94 page
background image
MB96320 Series
Document Number: 002-04584 Rev. *A
Page 62 of 93
14.4
AC Characteristics
14.4.1 Source Clock timing
(TA = -40°C to 125°C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Pin
Value
Unit
Remarks
Min
Typ
Max
Clock frequency
fC
X0, X1
3
-
16
MHz When using a crystal oscillator, PLL off
0-
16
MHz When using an opposite phase external clock,
PLL off
3.5
-
16
MHz When using a crystal oscillator or opposite phase
external clock, PLL on
Clock frequency
fFCI
X0
0-
56
MHz When using a single phase external clock in “Fast
Clock Input mode” , PLL off
3.5
-
56
MHz When using a single phase external clock in “Fast
Clock Input mode” , PLL on
Clock frequency
fCL
X0A, X1A
32
32.768
100
kHz
When using an oscillation circuit
0
-
100
kHz
When using an opposite phase external clock
X0A
0
-
50
kHz
When using a single phase external clock
Clock frequency
fCR
-
50
100
200
kHz
When using slow frequency of RC oscillator
1
2
4
MHz When using fast frequency of RC oscillator
PLL Clock
frequency
fCLKVCO
-
64
-
200
MHz Permitted VCO output frequency of PLL
(CLKVCO)
PLL Phase Jitter
TPSKEW
-
-
-
±5
ns
For CLKMC (PLL input clock)
MHz
Input clock pulse
width
PWH, PWL
X0,X1
8
-
-
ns
Duty ratio is about 30% to 70%
Input clock pulse
width
PWHL, PWLL
X0A,X1A
5
-
-
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com