Electronic Components Datasheet Search
  English  ▼

X  

MB96320 Datasheet(PDF) 71 Page - Cypress Semiconductor

Part # MB96320
Description  F2MC-16FX, 16-bit Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96320 Datasheet(HTML) 71 Page - Cypress Semiconductor

Back Button MB96320 Datasheet HTML 67Page - Cypress Semiconductor MB96320 Datasheet HTML 68Page - Cypress Semiconductor MB96320 Datasheet HTML 69Page - Cypress Semiconductor MB96320 Datasheet HTML 70Page - Cypress Semiconductor MB96320 Datasheet HTML 71Page - Cypress Semiconductor MB96320 Datasheet HTML 72Page - Cypress Semiconductor MB96320 Datasheet HTML 73Page - Cypress Semiconductor MB96320 Datasheet HTML 74Page - Cypress Semiconductor MB96320 Datasheet HTML 75Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 94 page
background image
MB96320 Series
Document Number: 002-04584 Rev. *A
Page 70 of 93
.
RDX
  ALE  time
tRHLH RDX, ALE
EACL:STS=1 and
EACL:ACE=1
3tCYC/2  15
-
ns
other ECL:STS,
EACL:ACE setting
tCYC/2  15
-
Valid address
 ECLK  time
tAVCH A[23:16], ECLK
-
tCYC  20
-
ns
tADVCH AD[15:0], ECLK
tCYC/2  20
-
RDX
  ECLK  time
tRLCH RDX, ECLK
-
tCYC/2  15
-
ns
ALE
  RDX  time
tLLRL ALE, RDX
EACL:STS=0
tCYC/2  15
-
ns
EACL:STS=1
 15
-
ECLK
  Valid data input
tCHDV AD[15:0], ECLK
-
-
tCYC  55
ns
(TA  40°C to 125°C, VCC  3.0 to 4.5V, VSS  0.0 V, IOdrive = 5mA, CL = 50pF)
Parameter
Sym-
bol
Pin
Conditions
Value
Unit
Remarks
Min
Max
A[23:16]
AD[15:0]
Address
VIL
VIH
VIH
VIL
Read data
tRHDX
tRLDV
tADVDV
ECLK
tADVCH
0.8*Vcc
tRLCH
ALE
tLHLL
tRHLH
0.2*VC
tLLAX
tADVLL
RDX
tLLRL
tRLRH
tADVRL
tAVCH
tAVLL
tAVDV
tAVRL
tCHDV
tAXDX
Refer to the Hardware Manual for detailed Timing Charts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com