Electronic Components Datasheet Search
  English  ▼

X  

MB96320 Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # MB96320
Description  F2MC-16FX, 16-bit Microcontroller
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96320 Datasheet(HTML) 5 Page - Cypress Semiconductor

  MB96320 Datasheet HTML 1Page - Cypress Semiconductor MB96320 Datasheet HTML 2Page - Cypress Semiconductor MB96320 Datasheet HTML 3Page - Cypress Semiconductor MB96320 Datasheet HTML 4Page - Cypress Semiconductor MB96320 Datasheet HTML 5Page - Cypress Semiconductor MB96320 Datasheet HTML 6Page - Cypress Semiconductor MB96320 Datasheet HTML 7Page - Cypress Semiconductor MB96320 Datasheet HTML 8Page - Cypress Semiconductor MB96320 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 94 page
background image
MB96320 Series
Document Number: 002-04584 Rev. *A
Page 4 of 93
I/O Ports
■ Virtually all external pins can be used as general purpose I/O
■ All push-pull outputs (except when used as I2C SDA/SCL line)
■ Bit-wise programmable as input/output or peripheral signal
■ Bit-wise programmable input enable
■ Bit-wise programmable input levels: Automotive / CMOS-Schmitt trigger / TTL
■ Bit-wise programmable pull-up resistor
■ Bit-wise programmable output driving strength for EMI optimization
Package
■ 80-pin plastic LQFP
Flash Memory
■ Supports automatic programming, Embedded Algorithm
■ Write/Erase/Erase-Suspend/Resume commands
■ A flag indicating completion of the algorithm
■ Number of erase cycles: 10,000 times
■ Data retention time: 20 years
■ Erase can be performed on each sector individually
■ Sector protection
■ Flash Security feature to protect the content of the Flash
■ Low voltage detection during Flash erase
Feature
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com