Electronic Components Datasheet Search
  English  ▼

X  

MB96330 Datasheet(PDF) 39 Page - Cypress Semiconductor

Part # MB96330
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96330 Datasheet(HTML) 39 Page - Cypress Semiconductor

Back Button MB96330 Datasheet HTML 35Page - Cypress Semiconductor MB96330 Datasheet HTML 36Page - Cypress Semiconductor MB96330 Datasheet HTML 37Page - Cypress Semiconductor MB96330 Datasheet HTML 38Page - Cypress Semiconductor MB96330 Datasheet HTML 39Page - Cypress Semiconductor MB96330 Datasheet HTML 40Page - Cypress Semiconductor MB96330 Datasheet HTML 41Page - Cypress Semiconductor MB96330 Datasheet HTML 42Page - Cypress Semiconductor MB96330 Datasheet HTML 43Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 123 page
background image
Document Number: 002-04586 Rev. *A
Page 38 of 122
MB96330 Series
000433H
I/O Port P03 - Data Direction Register
DDR03
R/W
000434H
I/O Port P04 - Data Direction Register
DDR04
R/W
000435H
I/O Port P05 - Data Direction Register
DDR05
R/W
000436H
I/O Port P06 - Data Direction Register
DDR06
R/W
000437H
I/O Port P07 - Data Direction Register
DDR07
R/W
000438H
I/O Port P08 - Data Direction Register
DDR08
R/W
000439H
I/O Port P09 - Data Direction Register
DDR09
R/W
00043AH
I/O Port P10 - Data Direction Register
DDR10
R/W
00043BH
I/O Port P11 - Data Direction Register
DDR11
R/W
00043CH
I/O Port P12 - Data Direction Register
DDR12
R/W
00043DH
I/O Port P13 - Data Direction Register
DDR13
R/W
00043EH
I/O Port P14 - Data Direction Register
DDR14
R/W
00043FH
I/O Port P15 - Data Direction Register
DDR15
R/W
000440H
Reserved
-
000441H
I/O Port P17 - Data Direction Register
DDR17
R/W
000442H-
000443H
Reserved
-
000444H
I/O Port P00 - Port Input Enable Register
PIER00
R/W
000445H
I/O Port P01 - Port Input Enable Register
PIER01
R/W
000446H
I/O Port P02 - Port Input Enable Register
PIER02
R/W
000447H
I/O Port P03 - Port Input Enable Register
PIER03
R/W
000448H
I/O Port P04 - Port Input Enable Register
PIER04
R/W
000449H
I/O Port P05 - Port Input Enable Register
PIER05
R/W
00044AH
I/O Port P06 - Port Input Enable Register
PIER06
R/W
00044BH
I/O Port P07 - Port Input Enable Register
PIER07
R/W
00044CH
I/O Port P08 - Port Input Enable Register
PIER08
R/W
00044DH
I/O Port P09 - Port Input Enable Register
PIER09
R/W
00044EH
I/O Port P10 - Port Input Enable Register
PIER10
R/W
00044FH
I/O Port P11 - Port Input Enable Register
PIER11
R/W
000450H
I/O Port P12 - Port Input Enable Register
PIER12
R/W
000451H
I/O Port P13 - Port Input Enable Register
PIER13
R/W
I/O map MB96(F)33x (16 of 40)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com