Electronic Components Datasheet Search
  English  ▼

X  

MB96330 Datasheet(PDF) 92 Page - Cypress Semiconductor

Part # MB96330
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96330 Datasheet(HTML) 92 Page - Cypress Semiconductor

Back Button MB96330 Datasheet HTML 88Page - Cypress Semiconductor MB96330 Datasheet HTML 89Page - Cypress Semiconductor MB96330 Datasheet HTML 90Page - Cypress Semiconductor MB96330 Datasheet HTML 91Page - Cypress Semiconductor MB96330 Datasheet HTML 92Page - Cypress Semiconductor MB96330 Datasheet HTML 93Page - Cypress Semiconductor MB96330 Datasheet HTML 94Page - Cypress Semiconductor MB96330 Datasheet HTML 95Page - Cypress Semiconductor MB96330 Datasheet HTML 96Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 123 page
background image
Document Number: 002-04586 Rev. *A
Page 91 of 122
MB96330 Series
Valid address
 Valid data input
(multiplexed)
tAVDV
A[23:16],
AD[15:0]
EACL:ACE=0
EBM:NMS=0
—3tCYC  55
ns
w/o cycle
extension
EACL:ACE=1
EBM:NMS=0
—4tCYC  55
tAD-
VDV
AD[15:0]
EACL:ACE=0
EBM:NMS=0
—5tCYC/2  55
ns
w/o cycle
extension
EACL:ACE=1
EBM:NMS=0
—7tCYC/2  55
RDX pulse width
tRLRH RDX
—
3 tCYC/2  5—
ns
w/o cycle
extension
RDX
  Valid data input
tRLDV RDX, AD[15:0]
—
—
3 tCYC/2  50 ns
w/o cycle
extension
RDX
  Data hold time
tRHDX RDX, AD[15:0]
—
0
—
ns
Address valid
 Data hold time tAXDX A[23:0], AD[15:0]
—
0
—
ns
RDX
  ALE  time
tRHLH RDX, ALE
EACL:STS=1 and
EACL:ACE=1
3tCYC/2  10
—
ns
other ECL:STS,
EACL:ACE setting
tCYC/2  10
—
Valid address
 ECLK  time
tAVCH A[23:0], ECLK
—
tCYC  15
—
ns
tAD-
VCH
AD[15:0], ECLK
tCYC/2  15
—
RDX
  ECLK  time
tRLCH RDX, ECLK
—
tCYC/2  10
—
ns
ALE
  RDX  time
tLLRL ALE, RDX
EACL:STS=0
tCYC/2  10
—
ns
EACL:STS=1
 10
—
ECLK
  Valid data input
tCHDV AD[15:0], ECLK
—
—
tCYC  50
ns
(TA  40°C to 125°C, VCC  5.0 V  10, VSS  0.0 V, IOdrive = 5mA, CL = 50pF)
Parameter
Sym-
bol
Pin
Conditions
Value
Unit
Remarks
Min
Max



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com