Electronic Components Datasheet Search
  English  ▼

X  

MB96330 Datasheet(PDF) 28 Page - Cypress Semiconductor

Part # MB96330
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96330 Datasheet(HTML) 28 Page - Cypress Semiconductor

Back Button MB96330 Datasheet HTML 24Page - Cypress Semiconductor MB96330 Datasheet HTML 25Page - Cypress Semiconductor MB96330 Datasheet HTML 26Page - Cypress Semiconductor MB96330 Datasheet HTML 27Page - Cypress Semiconductor MB96330 Datasheet HTML 28Page - Cypress Semiconductor MB96330 Datasheet HTML 29Page - Cypress Semiconductor MB96330 Datasheet HTML 30Page - Cypress Semiconductor MB96330 Datasheet HTML 31Page - Cypress Semiconductor MB96330 Datasheet HTML 32Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 123 page
background image
Document Number: 002-04586 Rev. *A
Page 27 of 122
MB96330 Series
000072H
RLT6 - Reload Register (dedic. RLT for PPG) - for reading
TMR6
R
000073H
RLT6 - Reload Register (dedic. RLT for PPG) - for writing
W
000073H
RLT6 - Reload Register (dedic. RLT for PPG) - for reading
R
000074H
PPG3-PPG0 - General Control register 1 Low
GCN1L0
GCN10
R/W
000075H
PPG3-PPG0 - General Control register 1 High
GCN1H0
R/W
000076H
PPG3-PPG0 - General Control register 2 Low
GCN2L0
GCN20
R/W
000077H
PPG3-PPG0 - General Control register 2 High
GCN2H0
R/W
000078H
PPG0 - Timer register
PTMR0
R
000079H
PPG0 - Timer register
R
00007AH
PPG0 - Period setting register
PCSR0
W
00007BH
PPG0 - Period setting register
W
00007CH
PPG0 - Duty cycle register
PDUT0
W
00007DH
PPG0 - Duty cycle register
W
00007EH
PPG0 - Control status register Low
PCNL0
PCN0
R/W
00007FH
PPG0 - Control status register High
PCNH0
R/W
000080H
PPG1 - Timer register
PTMR1
R
000081H
PPG1 - Timer register
R
000082H
PPG1 - Period setting register
PCSR1
W
000083H
PPG1 - Period setting register
W
000084H
PPG1 - Duty cycle register
PDUT1
W
000085H
PPG1 - Duty cycle register
W
000086H
PPG1 - Control status register Low
PCNL1
PCN1
R/W
000087H
PPG1 - Control status register High
PCNH1
R/W
000088H
PPG2 - Timer register
PTMR2
R
000089H
PPG2 - Timer register
R
00008AH
PPG2 - Period setting register
PCSR2
W
00008BH
PPG2 - Period setting register
W
00008CH
PPG2 - Duty cycle register
PDUT2
W
00008DH
PPG2 - Duty cycle register
W
00008EH
PPG2 - Control status register Low
PCNL2
PCN2
R/W
I/O map MB96(F)33x (5 of 40)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com