Electronic Components Datasheet Search
  English  ▼

X  

MB96330 Datasheet(PDF) 80 Page - Cypress Semiconductor

Part # MB96330
Description  F2MC-16FX 16-bit Proprietary Microcontroller
PDF  123 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB96330 Datasheet(HTML) 80 Page - Cypress Semiconductor

Back Button MB96330 Datasheet HTML 76Page - Cypress Semiconductor MB96330 Datasheet HTML 77Page - Cypress Semiconductor MB96330 Datasheet HTML 78Page - Cypress Semiconductor MB96330 Datasheet HTML 79Page - Cypress Semiconductor MB96330 Datasheet HTML 80Page - Cypress Semiconductor MB96330 Datasheet HTML 81Page - Cypress Semiconductor MB96330 Datasheet HTML 82Page - Cypress Semiconductor MB96330 Datasheet HTML 83Page - Cypress Semiconductor MB96330 Datasheet HTML 84Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 123 page
background image
Document Number: 002-04586 Rev. *A
Page 79 of 122
MB96330 Series
Power supply
current in Sleep
modes*
ICCSPLL
PLL Sleep mode with
CLKS1/2 = 48MHz,
CLKP1/2 = 24MHz
CLKP3 = 48MHz
+25°C
12.5
15
mA
CLKRC and CLKSC stopped.
Core voltage at 1.9V
+125°C
13.3
17.5
PLL Sleep mode with
CLKS1/2 = CLKP1/3 =
48MHz,
CLKP2 = 24MHz
+25°C
17
20
mA
CLKRC and CLKSC stopped.
Core voltage at 1.9V
+125°C
17.8
22.5
PLL Sleep mode with
CLKS1/2 = 96MHz,
CLKP1/3 = 48MHz,
CLKP2 = 24MHz
+25°C
19
22
mA
CLKRC and CLKSC stopped.
Core voltage at 1.9V
+125°C
19.8
24.5
ICCSMAIN
Main Sleep mode with
CLKS1/2 = CLKP1/2/3 =
4MHz
+25°C
1.9
2.3
mA
CLKPLL, CLKSC and CLKRC
stopped
+125°C
2.4
5
ICCSRCH
RC Sleep mode with
CLKS1/2 = CLKP1/2/3 =
2MHz
+25°C
0.9
1.4
mA
CLKMC, CLKPLL and CLKSC
stopped
+125°C
1.5
4.1
ICCSRCL
RC Sleep mode with
CLKS1/2 = CLKP1/2/3 =
100kHz,
SMCR:LPMSS = 0
+25°C
0.3
0.5
mA
CLKMC, CLKPLL and CLKSC
stopped. Voltage regulator in
high power mode
+125°C
0.8
3.4
RC Sleep mode with
CLKS1/2 = CLKP1/2/3 =
100kHz,
SMCR:LPMSS = 1
+25°C
0.06
0.15
mA
CLKMC, CLKPLL and CLKSC
stopped. Voltage regulator in
low power mode
+125°C
0.56
3
ICCSSUB
Sub Sleep mode with
CLKS1/2 = CLKP1/2/3 =
32kHz
+25°C
0.04
0.12
mA
CLKMC, CLKPLL and CLKRC
stopped
+125°C
0.54
2.9
(TA = -40°C to 125°C, VCC = AVCC = 3.0V to 5.5V, VSS = AVSS = 0V)
Parameter
Symbol
Condition (at TA)
Value
Remarks
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com