Electronic Components Datasheet Search
  English  ▼

X  

S70FL01GS Datasheet(PDF) 5 Page - Cypress Semiconductor

Part # S70FL01GS
Description  1 Gbit (128 Mbyte) 3.0V SPI Flash
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FL01GS Datasheet(HTML) 5 Page - Cypress Semiconductor

  S70FL01GS Datasheet HTML 1Page - Cypress Semiconductor S70FL01GS Datasheet HTML 2Page - Cypress Semiconductor S70FL01GS Datasheet HTML 3Page - Cypress Semiconductor S70FL01GS Datasheet HTML 4Page - Cypress Semiconductor S70FL01GS Datasheet HTML 5Page - Cypress Semiconductor S70FL01GS Datasheet HTML 6Page - Cypress Semiconductor S70FL01GS Datasheet HTML 7Page - Cypress Semiconductor S70FL01GS Datasheet HTML 8Page - Cypress Semiconductor S70FL01GS Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
Document Number: 001-98295 Rev. *M
Page 5 of 19
S70FL01GS
3.
Input/Output Summary
Table 2. Signal List
Signal Name
Type
Description
RESET#
Input
Hardware Reset: Low = device resets and returns to standby state, ready to receive a
command. The signal has an internal pull-up resistor and may be left unconnected in the host
system if not used.
SCK
Input
Serial Clock.
CS1#
Input
Chip Select. FL512S #1.
CS2#
Input
Chip Select. FL512S #2.
SI / IO0
I/O
Serial Input for single bit data commands or IO0 for Dual or Quad commands.
SO / IO1
I/O
Serial Output for single bit data commands. IO1 for Dual or Quad commands.
WP# / IO2
I/O
Write Protect when not in Quad mode. IO2 in Quad mode. The signal has an internal pull-up
resistor and may be left unconnected in the host system if not used for Quad commands.
HOLD# / IO3
I/O
Hold (pause) serial transfer in single bit or Dual data commands. IO3 in Quad-I/O mode. The
signal has an internal pull-up resistor and may be left unconnected in the host system if not used
for Quad commands.
VCC
Supply
Core Power Supply.
VIO
Supply
Versatile I/O Power Supply. Note: VIO is not supported in the S70FL01GS device. Refer to
Section 7. for more details.
VSS
Supply
Ground.
NC
Unused
Not Connected. No device internal signal is connected to the package connector nor is there
any future plan to use the connector for a signal. The connection may safely be used for routing
space for a signal on a Printed Circuit Board (PCB). However, any signal connected to an NC
must not have voltage levels higher than VCC.
RFU
Reserved
Reserved for Future Use. No device internal signal is currently connected to the package
connector but there is potential future use of the connector for a signal. It is recommended to not
use RFU connectors for PCB routing channels so that the PCB may take advantage of future
enhanced features in compatible footprint devices.
DNU
Reserved
Do Not Use. A device internal signal may be connected to the package connector. The
connection may be used by Cypress for test or other purposes and is not intended for connection
to any host system signal. Any DNU signal related function will be inactive when the signal is at
VIL. The signal has an internal pull-down resistor and may be left unconnected in the host system
or may be tied to VSS. Do not use these connections for PCB signal routing channels. Do not
connect any host system signal to this connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com