Electronic Components Datasheet Search
  English  ▼

X  

S70FL01GS Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # S70FL01GS
Description  1 Gbit (128 Mbyte) 3.0V SPI Flash
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FL01GS Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button S70FL01GS Datasheet HTML 2Page - Cypress Semiconductor S70FL01GS Datasheet HTML 3Page - Cypress Semiconductor S70FL01GS Datasheet HTML 4Page - Cypress Semiconductor S70FL01GS Datasheet HTML 5Page - Cypress Semiconductor S70FL01GS Datasheet HTML 6Page - Cypress Semiconductor S70FL01GS Datasheet HTML 7Page - Cypress Semiconductor S70FL01GS Datasheet HTML 8Page - Cypress Semiconductor S70FL01GS Datasheet HTML 9Page - Cypress Semiconductor S70FL01GS Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Document Number: 001-98295 Rev. *M
Page 6 of 19
S70FL01GS
4.
Device Operations
4.1
Programming
Each Flash die must be programmed independently due to the nature of the dual die stack.
4.2
Simultaneous Die Operation
The user may only access one Flash die of the dual die stack at a time via its respective Chip Select.
4.3
Sequential Reads
Sequential reads are not supported across the end of the first Flash die to the beginning of the second. If the user desires to
sequentially read across the two die, data must be read out of the first die via CS1# and then read out of the second die via CS2#.
4.4
Sector/Bulk Erase
A sector erase command must be issued for sectors in each Flash die separately. Full device Bulk Erase via a single command is
not supported due to the nature of the dual die stack. A Bulk Erase command must be issued for each die.
4.5
Status Registers
Each Flash die of the dual die stack is managed by its own Status Registers. Reads and updates to the Status Registers must be
managed separately. It is recommended that Status Register control bit settings of each die are kept identical to maintain
consistency when switching between die.
4.6
Configuration Register
Each Flash die of the dual die stack is managed by its own Configuration Register. Updates to the Configuration Register control bits
must be managed separately. It is recommended that Configuration Register control bit settings of each die are kept identical to
maintain consistency when switching between die.
4.7
Bank Address Register
It is recommended that the Bank Address Register bit settings of each die are kept identical to maintain consistency when switching
between die.
4.8
Security and DDR Registers
It is recommended that the bit settings for ASP Register, Password Register, PPB Lock Register, PPB Access Register, DYB
Access Register, and DDR Data Learning Register in each die are kept identical to maintain consistency when switching between
die.
4.9
Block Protection
Each Flash die of the dual die stack will maintain its own Block Protection. Updates to the TBPROT and BPNV bits of each die must
be managed separately. By default, each die is configured to be protected starting at the top (highest address) of each array, but no
address range is protected. It is recommended that the Block Protection settings of each die are kept identical to maintain
consistency when switching between die. In addition, any update to the FREEZE bit must be managed separately for each die. If the
FREEZE bit is set to a logic 1, it cannot be cleared to a logic 0 until a power-on-reset is executed on each die that has the FREEZE
bit set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com