Electronic Components Datasheet Search
  English  ▼

X  

S70FL01GS Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # S70FL01GS
Description  1 Gbit (128 Mbyte) 3.0V SPI Flash
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

S70FL01GS Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button S70FL01GS Datasheet HTML 3Page - Cypress Semiconductor S70FL01GS Datasheet HTML 4Page - Cypress Semiconductor S70FL01GS Datasheet HTML 5Page - Cypress Semiconductor S70FL01GS Datasheet HTML 6Page - Cypress Semiconductor S70FL01GS Datasheet HTML 7Page - Cypress Semiconductor S70FL01GS Datasheet HTML 8Page - Cypress Semiconductor S70FL01GS Datasheet HTML 9Page - Cypress Semiconductor S70FL01GS Datasheet HTML 10Page - Cypress Semiconductor S70FL01GS Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
Document Number: 001-98295 Rev. *M
Page 7 of 19
S70FL01GS
5.
Read Identification (RDID)
The Read Identification (RDID) command outputs the one-byte manufacturer identification, followed by the two-byte device
identification and the bytes for the Common Flash Interface (CFI) tables. Each die of the FL01GS dual die stack will have identical
identification data as the FL512S die, with the exception of the CFI data at byte 27h, as shown in Table 3.
6.
RESET#
Note that the hardware RESET# input (pin 3 on the 16-pin SO package and ball A4 on the 5x5 BGA package) is bonded out and
active for the S70FL01GS device. For applications that do NOT require use of the RESET# pin, it is recommended to not use
RESET# for PCB routing channels that would cause the RESET# signal to be asserted Low (VIL). Doing so will cause the device to
reset to standby state. The RESET# signal has an internal pull-up resistor and may be left unconnected in the host system if not
used.
7.
Versatile I/O Power Supply (VIO)
Note that the Versatile I/O (VIO) power supply (pin 14 on the 16-pin SO package and ball E4 on the 5x5 BGA package) is not
supported, and pin 14 and ball E4 are RFU (Reserved for Future Use) in the standard configuration of the S70FL01GS device.
Contact your local sales office to confirm availability with the VIO feature enabled.
Table 3. Product Group CFI Device Geometry Definition
Byte
Data
Description
27h
1Bh
Device Size = 2N byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com