Electronic Components Datasheet Search
  English  ▼

X  

AD9480 Datasheet(PDF) 5 Page - Analog Devices

Part # AD9480
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 5 Page - Analog Devices

  AD9480 Datasheet HTML 1Page - Analog Devices AD9480 Datasheet HTML 2Page - Analog Devices AD9480 Datasheet HTML 3Page - Analog Devices AD9480 Datasheet HTML 4Page - Analog Devices AD9480 Datasheet HTML 5Page - Analog Devices AD9480 Datasheet HTML 6Page - Analog Devices AD9480 Datasheet HTML 7Page - Analog Devices AD9480 Datasheet HTML 8Page - Analog Devices AD9480 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
AD9480
Rev. 0 | Page 5 of 28
AC SPECIFICATIONS
AVDD = 3.3 V, DRVDD = 3.3 V; TMIN = –40°C, TMAX = +85°C, AIN = –1 dBFS, full scale = 1.0 V, internal reference, differential analog and
clock inputs, unless otherwise noted.
Table 3.
AD9480-250
Parameter
Temp
Test Level
Min
Typ
Max
Unit
SIGNAL TO NOISE RATIO (SNR)
25
°C
V
47
dB
25
°C
I
45
47
dB
fIN = 19.7 MHz
fIN = 70.1 MHz
fIN = 170 MHz
25
°C
I
45
46
dB
25
°C
V
46.5
dB
25
°C
I
44.8
46.5
dB
SIGNAL TO NOISE AND DISTORTION (SINAD)
fIN = 19.7 MHz
fIN = 70.1 MHz
fIN = 170 MHz
25
°C
I
44.8
46.5
dB
25
°C
V
7.5
Bits
25
°C
I
7.2
7.5
Bits
EFFECTIVE NUMBER OF BITS (ENOB)
fIN = 19.7 MHz
fIN = 70.1 MHz
fIN = 170 MHz
25
°C
I
7.2
7.5
Bits
25
°C
V
−65
dBc
25
°C
I
−65
−60
dBc
WORST SECOND OR THIRD HARMONIC DISTORTION
fIN = 19.7 MHz
fIN = 70.1 MHz
fIN = 170 MHz
25
°C
I
−65
−60
dBc
25
°C
V
−70
dBc
25
°C
I
−70
−63
dBc
WORST OTHER
fIN = 19.7 MHz
fIN = 70.1 MHz
fIN = 170 MHz
25
°C
I
−70
−63
dBc
25
°C
V
−65
dBc
25
°C
I
−65
−60
dBc
SPURIOUS-FREE DYNAMIC RANGE (SFDR)1
fIN = 19.7 MHz
fIN = 70.1 MHz
fIN = 170 MHz
25
°C
I
−65
−60
dBc
TWO-TONE INTERMODULATION DISTORTION (IMD)
fIN1 = 69.3 MHz, fIN 2 = 70.3 MHz
25
°C
V
−68
dBc
1 Nyquist bin energy ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com