Electronic Components Datasheet Search
  English  ▼

X  

AD9480 Datasheet(PDF) 15 Page - Analog Devices

Part # AD9480
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD9480 Datasheet HTML 11Page - Analog Devices AD9480 Datasheet HTML 12Page - Analog Devices AD9480 Datasheet HTML 13Page - Analog Devices AD9480 Datasheet HTML 14Page - Analog Devices AD9480 Datasheet HTML 15Page - Analog Devices AD9480 Datasheet HTML 16Page - Analog Devices AD9480 Datasheet HTML 17Page - Analog Devices AD9480 Datasheet HTML 18Page - Analog Devices AD9480 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
AD9480
Rev. 0 | Page 15 of 28
TYPICAL PERFORMANCE CHARACTERISTICS
AVDD, DRVDD=3.3V, T = 25°C, AIN differential drive, FS = 1, unless otherwise noted.
MHz
0
–20
–10
–50
–40
–30
–70
–60
–90
–80
060
40
20
80
100
120
SNR = 46.2dB
H2 = 72.8dBc
H3 = 73.2dBc
SFDR = 69.8dBc
Figure 20. FFT: fS = 250 MSPS, AIN = 10.3 MHz @ −1 dBFS
MHz
0
–20
–10
–50
–40
–30
–70
–60
–90
–80
060
40
20
80
100
120
SNR = 46.1dB
H2 = 71.4dBc
H3 = 74.3dBc
SFDR = 68.7dBc
Figure 21. FFT: fS = 250 MSPS, AIN = 70 MHz @ –1 dBFS
MHz
0
–20
–10
–50
–40
–30
–70
–60
–90
–80
060
40
20
80
100
120
SNR = 45.9dB
H2 = 67dBc
H3 = 73.3dBc
SFDR = 67dBc
Figure 22. FFT: fS = 250 MSPS, AIN = 70, MHz @ –1 dBFS,
Single-Ended Input
MHz
0
–20
–10
–50
–40
–30
–70
–60
–90
–80
060
40
20
80
100
120
SNR = 45.9dB
H2 = 71.9dBc
H3 = 67dBc
SFDR = 67dBc
Figure 23. FFT: fS = 250 MSPS, AIN =170 MHz @ −1 dBFS
AIN (MHz)
90
85
80
75
70
65
60
55
50
45
40
0
50
200
250
100
150
300
350
400
H3
H2
SFDR
SNR
SINAD
Figure 24. Analog Input Frequency Sweep, AIN =
−1dBFS,
FS=1V, fS = 250 MSPS
H3
H2
SFDR
SINAD
AIN (MHz)
80
75
70
65
60
55
50
45
40
0
50
200
250
100
150
300
350
400
SNR
Figure 25. Analog Input Frequency Sweep, AIN =
−1 dBFS,
FS =.75 V, fS = 250 MSPS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com