Electronic Components Datasheet Search
  English  ▼

X  

AD9480 Datasheet(PDF) 26 Page - Analog Devices

Part # AD9480
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 26 Page - Analog Devices

Back Button AD9480 Datasheet HTML 20Page - Analog Devices AD9480 Datasheet HTML 21Page - Analog Devices AD9480 Datasheet HTML 22Page - Analog Devices AD9480 Datasheet HTML 23Page - Analog Devices AD9480 Datasheet HTML 24Page - Analog Devices AD9480 Datasheet HTML 25Page - Analog Devices AD9480 Datasheet HTML 26Page - Analog Devices AD9480 Datasheet HTML 27Page - Analog Devices AD9480 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 28 page
background image
AD9480
Rev. 0 | Page 26 of 28
OUTLINE DIMENSIONS
1
33
34
44
11
12
23
22
0.45
0.37
0.30
0.80
BSC
10.00
SQ
12.00 SQ
1.20
MAX
0.75
0.60
0.45
1.05
1.00
0.95
0.20
0.09
0.08 MAX
COPLANARITY
SEATING
PLANE
0° MIN
7°
3.5°
0°
0.15
0.05
VIEW A
ROTATED 90° CCW
VIEW A
PIN 1
COMPLIANT TO JEDEC STANDARDS MS-026ACB
TOP VIEW
(PINS DOWN)
Figure 49. 44-Lead Thin Plastic Quad Flat Package [TQFP]
(SU-44)
Dimensions shown in millimeters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com