Electronic Components Datasheet Search
  English  ▼

X  

AD9480 Datasheet(PDF) 27 Page - Analog Devices

Part # AD9480
Description  8-Bit, 250 MSPS 3.3 V A/D Converter
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9480 Datasheet(HTML) 27 Page - Analog Devices

Back Button AD9480 Datasheet HTML 20Page - Analog Devices AD9480 Datasheet HTML 21Page - Analog Devices AD9480 Datasheet HTML 22Page - Analog Devices AD9480 Datasheet HTML 23Page - Analog Devices AD9480 Datasheet HTML 24Page - Analog Devices AD9480 Datasheet HTML 25Page - Analog Devices AD9480 Datasheet HTML 26Page - Analog Devices AD9480 Datasheet HTML 27Page - Analog Devices AD9480 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 27 / 28 page
background image
AD9480
Rev. 0 | Page 27 of 28
ORDERING GUIDE
Model
Temperature Range
Description
Package Option
AD9480BSUZ-2501, 2
−40
°C to +85°C
TQFP
SU-44
AD9480ASUZ-2501
−40
°C to +85°C
TQFP
SU-44
AD9480-LVDS/PCB3
Evaluation Board
1 Z = Pb-free part.
2 Optimized Differential Nonlinearity.
3 Evaluation Board shipped with AD9480BSUZ-250 installed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com