Electronic Components Datasheet Search
  English  ▼

X  

DS3152N Datasheet(PDF) 6 Page - Dallas Semiconductor

Part # DS3152N
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3152N Datasheet(HTML) 6 Page - Dallas Semiconductor

Back Button DS3152N Datasheet HTML 2Page - Dallas Semiconductor DS3152N Datasheet HTML 3Page - Dallas Semiconductor DS3152N Datasheet HTML 4Page - Dallas Semiconductor DS3152N Datasheet HTML 5Page - Dallas Semiconductor DS3152N Datasheet HTML 6Page - Dallas Semiconductor DS3152N Datasheet HTML 7Page - Dallas Semiconductor DS3152N Datasheet HTML 8Page - Dallas Semiconductor DS3152N Datasheet HTML 9Page - Dallas Semiconductor DS3152N Datasheet HTML 10Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 60 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
6 of 60
Table 1-A. Applicable Telecommunications Standards
SPECIFICATION
SPECIFICATION TITLE
ANSI
T1.102-1993
Digital Hierarchy—Electrical Interfaces
T1.107-1995
Digital Hierarchy—Formats Specification
T1.231-1997
Digital Hierarchy—Layer 1 In-Service Digital Transmission Performance Monitoring
T1.404-1994
Network-to-Customer Installation—DS3 Metallic Interface Specification
ITU-T
G.703
Physical/Electrical Characteristics of Hierarchical Digital Interfaces, 1991
G.751
Digital Multiplex Equipment Operating at the Third-Order Bit Rate of 34,368kbps and the
Fourth-Order Bit Rate of 139,264kbps and Using Positive Justification, 1993
G.775
Loss of Signal (LOS) and Alarm Indication Signal (AIS) Defect Detection and Clearance
Criteria, November 1994
G.823
The Control of Jitter and Wander within Digital Networks that are Based on the 2048kbps
Hierarchy, 1993
G.824
The Control of Jitter and Wander within Digital Networks that are Based on the 1544kbps
Hierarchy, 1993
O.151
Error Performance Measuring Equipment Operating at the Primary Rate and Above,
October 1992
ETSI
ETS 300 686
Business TeleCommunications; 34Mbps and 140Mbps Digital Leased Lines (D34U,
D34S, D140U, and D140S); Network Interface Presentation, 1996
ETS 300 687
Business TeleCommunications; 34Mbps Digital Leased Lines (D34U and D34S);
Connection Characteristics, 1996
ETS EN 300 689
Access and Terminals (AT); 34Mbps Digital Leased Lines (D34U and D34S); Terminal
equipment interface, July 2001
TBR 24
Business TeleCommunications; 34Mbps Digital Unstructured and Structured Lease Lines;
Attachment Requirements for Terminal Equipment Interface, 1997
TELCORDIA
GR-253-CORE
SONET Transport Systems: Common Generic Criteria, Issue 2, December 1995
GR-499-CORE
Transport Systems Generic Requirements (TSGR): Common Requirements, Issue 1,
December 1998



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com