Electronic Components Datasheet Search
  English  ▼

X  

DS3152N Datasheet(PDF) 45 Page - Dallas Semiconductor

Part # DS3152N
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3152N Datasheet(HTML) 45 Page - Dallas Semiconductor

Back Button DS3152N Datasheet HTML 41Page - Dallas Semiconductor DS3152N Datasheet HTML 42Page - Dallas Semiconductor DS3152N Datasheet HTML 43Page - Dallas Semiconductor DS3152N Datasheet HTML 44Page - Dallas Semiconductor DS3152N Datasheet HTML 45Page - Dallas Semiconductor DS3152N Datasheet HTML 46Page - Dallas Semiconductor DS3152N Datasheet HTML 47Page - Dallas Semiconductor DS3152N Datasheet HTML 48Page - Dallas Semiconductor DS3152N Datasheet HTML 49Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 60 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
45 of 60
Table 13-I. JTAG Interface Timing
(VDD = 3.3V
±5%, TA = -40°C to +85°C.) (Figure 13-5)
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
JTCLK Clock Period
t1
1000
ns
JTCLK Clock High/Low Time (Note 23)
t2/t3
50
500
ns
JTCLK to JTDI, JTMS Setup Time
t4
50
ns
JTCLK to JTDI, JTMS Hold Time
t5
50
ns
JTCLK to JTDO Delay
t6
2
50
ns
JTCLK to JTDO High-Z Delay (Note 24)
t7
2
50
ns
JTRST Width Low Time
t8
100
ns
Note 23: Clock can be stopped high or low.
Note 24: Not tested during production test.
Figure 13-5. JTAG Timing Diagram
t1
JTDO
t4
t5
t2
t3
t7
JTDI, JTMS,
JTRST
t6
JTRST
t8
JTCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com