Electronic Components Datasheet Search
  English  ▼

X  

DS3152N Datasheet(PDF) 27 Page - Dallas Semiconductor

Part # DS3152N
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3152N Datasheet(HTML) 27 Page - Dallas Semiconductor

Back Button DS3152N Datasheet HTML 23Page - Dallas Semiconductor DS3152N Datasheet HTML 24Page - Dallas Semiconductor DS3152N Datasheet HTML 25Page - Dallas Semiconductor DS3152N Datasheet HTML 26Page - Dallas Semiconductor DS3152N Datasheet HTML 27Page - Dallas Semiconductor DS3152N Datasheet HTML 28Page - Dallas Semiconductor DS3152N Datasheet HTML 29Page - Dallas Semiconductor DS3152N Datasheet HTML 30Page - Dallas Semiconductor DS3152N Datasheet HTML 31Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
27 of 60
Table 7-D. STS-1 Waveform Test Parameters and Limits
PARAMETER
SPECIFICATION
Rate
51.840Mbps (
±20ppm)
Line Code
B3ZS
Transmission Medium
Coaxial cable (AT&T 734A or equivalent)
Test Measurement Point
At the end of 0 to 450ft of coaxial cable
Test Termination
75
W (±1%) resistive
Pulse Amplitude
0.800V nominal (not covered in specs)
Pulse Shape
An isolated pulse (preceded by two zeros and followed by one
or more zeros) falls within the curved listed in Table 7-C.
Unframed All-Ones Power Level at 25.92MHz
Between -1.8dBm and +5.7dBm
Unframed All-Ones Power Level at 51.84MHz
At least 20dB less than the power measured at 25.92MHz.
Table 7-E. E3 Waveform Test Parameters and Limits
PARAMETER
SPECIFICATION
Rate
34.368Mbps (
±20ppm)
Line Code
HDB3
Transmission Medium
Coaxial cable (AT&T 734A or equivalent)
Test Measurement Point
At the transmitter
Test Termination
75
W (±1%) resistive
Pulse Amplitude
1.0V (nominal)
Pulse Shape
An isolated pulse (preceded by two zeros and followed by one
or more zeros) falls within the template shown in Figure 7-1.
Ratio of the Amplitudes of Positive and Negative
Pulses at the Center of the Pulse Interval
0.95 to 1.05
Ratio of the Widths of Positive and Negative
Pulses at the Nominal Half Amplitude
0.95 to 1.05
Figure 7-1. E3 Waveform Template
0
-0.1
-0.2
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
TIME (ns)
G.703
E3
TEMPLATE
29.1
24.5
12.1
8.65
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com