Electronic Components Datasheet Search
  English  ▼

X  

DS3152N Datasheet(PDF) 18 Page - Dallas Semiconductor

Part # DS3152N
Description  Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS3152N Datasheet(HTML) 18 Page - Dallas Semiconductor

Back Button DS3152N Datasheet HTML 14Page - Dallas Semiconductor DS3152N Datasheet HTML 15Page - Dallas Semiconductor DS3152N Datasheet HTML 16Page - Dallas Semiconductor DS3152N Datasheet HTML 17Page - Dallas Semiconductor DS3152N Datasheet HTML 18Page - Dallas Semiconductor DS3152N Datasheet HTML 19Page - Dallas Semiconductor DS3152N Datasheet HTML 20Page - Dallas Semiconductor DS3152N Datasheet HTML 21Page - Dallas Semiconductor DS3152N Datasheet HTML 22Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs
18 of 60
Register Name:
RCRn
Register Description:
Receiver Configuration Register
Register Address:
02h, 12h, 22h, 32h
Bit
7
6
5
4
3
2
1
0
Name
ITU
RBIN
RCINV
RJA
RPD
RTS
RMON
RCVUD
Default
0
0
0
0
0
1
0
0
Bit 7: ITU CV Mode (ITU). This bit controls what types of bipolar violations (BPVs) are flagged as code violations
on the RLCV pin and counted in the RCV register. It also controls whether or not excessive zero (EXZ) events are
flagged and counted. An EXZ event is the occurrence of a third consecutive zero (DS3 or STS-1 modes) or fourth
consecutive zero (E3 mode) in a sequence of zeros.
0 = In all three modes (DS3, E3, and STS-1) BPVs that are not part of a valid codeword are flagged and
counted. EXZ events are also flagged and counted.
1 = In DS3 and STS-1 modes, BPVs that are not part of valid codewords are flagged and counted. In E3
mode, BPVs that are the same polarity as the last BPV are flagged and counted. EXZ events are not
flagged and counted in any mode.
Bit 6: Receiver Binary Interface Enable (RBIN)
0 = Receiver framer interface is bipolar on the RPOS and RNEG pins. The B3ZS/HDB3 decoder is
disabled.
1 = Receiver framer interface is binary on the RDAT pin with the RLCV pin indicating line-code violations.
The B3ZS/HDB3 encoder is enabled.
Bit 5: Receiver Clock Invert (RCINV)
0 = RPOS/RDAT and RNEG/RLCV are sampled on the rising edge of RCLK.
1 = RPOS/RDAT and RNEG/RLCV are sampled on the falling edge of RCLK.
Bit 4: Receiver Jitter Attenuator Enable (RJA). (Note that TJA = 1 takes precedence over RJA = 1.)
0 = remove jitter attenuator from the receiver path
1 = insert jitter attenuator into the receiver path
Bit 3: Receiver Power-Down Enable (RPD)
0 = enable the receiver
1 = power-down the receiver (RPOS/RDAT, RNEG/RLCV, and RCLK tri-stated)
Bit 2: Receiver Tri-State Enable (RTS). This signal is set to 1 on reset, which tri-states the receiver RPOS/RDAT,
RNEG/RLCV, and RCLK pins. The receiver is left powered up in this mode. The
RTS pin is inverted and logically
ORed with this bit.
0 = enable the receiver outputs
1 = tri-state the receiver outputs (RPOS/RDAT, RNEG/RLCV, and RCLK)
Bit 1: Receiver Monitor Preamp Enable (RMON)
0 = disable the monitor preamp
1 = enable the monitor preamp
Bit 0: Receive Code-Violation Counter Update (RCVUD). When this control bit transitions from low to high, the
RCVLn and RCVHn registers are loaded with the current code-violation count, and the internal code-violation
counter is cleared.
0
®1 = Update RCV registers and clear internal code-violation counter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com